Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2822 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD2822
Description  1W x 2 Dual Audio Power Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2822 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD2822 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
双极电路
CD2822ACB/ACP
双通道低压功率放大电路
版本:
2006-11-A
无 锡华润 矽科 微电子 有限 公司
第
1 页 共 7 页
1、概述
CD2822A 是一块双通道低电压功率放大电路,适用于小型便携式放音机和收音机中
作音频功率放大。其特点如下:
● 电源电压范围宽:VCC=1.8V~7V,特别适合在低电源电压下工作
● 静态电流小
● 交越失真小
● 可用于 BTL 或双通道两种工作方式
● 封装形式:SOP8/DIP8
2、功能框图与引脚说明
2. 1、功能框图
2. 2、引脚说明
引脚
符
号
功
能
引脚
符
号
功
能
1
OUT1
输出端 1
6
IN2-
反向输入端 2
2
VCC
电源
7
IN2+
正向输入端 2
3
OUT2
输出端 2
8
IN1+
正向输入端 1
4
GND
地
9
IN1-
反向输入端 1
+
+
-
-
A1
A2
1
2
3
4
5
6
7
8


Similar Part No. - CD2822

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD2810 CDI-DIODE-CD2810 Datasheet
42Kb / 2P
SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
6 000 - 12 000h at 105째C
CD284XY JIANGHAI-CD284XY Datasheet
976Kb / 5P
EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
logo
Multicomp Pro
CD286 MULTICOMP-CD286 Datasheet
179Kb / 2P
Silicon Epitaxial Planar Diode
24/08/20 V1.0
More results

Similar Description - CD2822

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2206B SAMSUNG-KA2206B Datasheet
125Kb / 6P
2.3W DUAL AUDIO POWER AMP
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
logo
Wuxi Youda electronics ...
YD2206 YOUDA-YD2206 Datasheet
76Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
NTE Electronics
NTE1032 NTE-NTE1032 Datasheet
80Kb / 2P
Linear Integrated Circuit,OTL Audio Power Amp, 1W
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
2 x 1W differential input stereo audio amplifier
20-Dec-2007
logo
Unisonic Technologies
2206 UTC-2206_15 Datasheet
166Kb / 6P
2.5W DUAL AUDIO POWER AMP
logo
List of Unclassifed Man...
CD1622CB ETC2-CD1622CB Datasheet
345Kb / 7P
110mw X 2 Dual-channel audio power amplifier
CD2025 ETC2-CD2025 Datasheet
198Kb / 4P
2.3W x 2 dual-channel audio power amplifier
CD2025CP ETC2-CD2025CP Datasheet
154Kb / 4P
2.3W X 2 Dual-channel audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com