Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984 Datasheet (PDF) - STMicroelectronics

TS4984 Datasheet PDF - STMicroelectronics
Part # TS4984
Download  TS4984 Download
File Size   804.31 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 1W Stereo audio power amplifier with active low standby mode

TS4984 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4984 Datasheet PDF - STMicroelectronics

Part # TS4984
Download  TS4984 Click to download

File Size   804.31 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 1W Stereo audio power amplifier with active low standby mode

TS4984 Datasheet (HTML) - STMicroelectronics


TS4984 Product details

Description
The TS4984 has been designed for top of the class stereo audio applications. Thanks to its compact and power dissipation efficient QFN package, it suits various applications.

■ Operating from VCC=2.2V to 5.5V
■ 1W output power per channel @ VCC=5V, THD+N=1%, RL=8Ω
■ 10nA standby current
■ 62dB PSRR @ 217Hz with grounded inputs
■ High SNR: 100dB(A) typ.
■ Near-zero pop & click
■ Available in QFN16 4x4 mm, 0.5mm pitch, leadfree package

Applications
■ Cellular mobile phones
■ Notebook computers & PDAs
■ LCD monitors & TVs
■ Portable audio devices




Similar Part No. - TS4984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984EIJT STMICROELECTRONICS-TS4984EIJT Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4984EIKJT STMICROELECTRONICS-TS4984EIKJT Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
More results


Similar Description - TS4984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
2 x 1W differential input stereo audio amplifier
20-Dec-2007
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com