Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet (PDF) - STMicroelectronics

TS4890 Datasheet PDF - STMicroelectronics
Part # TS4890
Download  TS4890 Download
File Size   833.86 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW

TS4890 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4890 Datasheet PDF - STMicroelectronics

Part # TS4890
Download  TS4890 Click to download

File Size   833.86 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW

TS4890 Datasheet (HTML) - STMicroelectronics


TS4890 Product details

DESCRIPTION
The TS4890 (MiniSO8 & SO8) is an Audio Power Amplifier capable of delivering 1W of continuous RMS. ouput power into 8Ω load @ 5V.
   
■ OPERATING FROM VCC = 2.2V to 5.5V
■ 1W RAI L TO RAIL OUTPUT POWER @
    Vcc=5V, THD=1%, f=1kHz, with 8Ω Load
■ ULTRA LOW CONSUMPTION IN STANDBY
    MODE (10nA)
■ 75dB PSRR @ 217Hz from 5 to 2.2V
■ POP & CLICK REDUCTION CIRCUITRY
■ ULTRA LOW DISTORTION (0.1%)
■ UNITY GAIN STABLE
■ AVAILABLE IN SO8, MiniSO8 & DFN8
   




Similar Part No. - TS4890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4890 STMICROELECTRONICS-TS4890 Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
TS4890IDT STMICROELECTRONICS-TS4890IDT Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
TS4890IST STMICROELECTRONICS-TS4890IST Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
TS4890 STMICROELECTRONICS-TS4890_V01 Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
More results


Similar Description - TS4890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com