Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4890
Description  RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 4Page - STMicroelectronics TS4890 Datasheet HTML 5Page - STMicroelectronics TS4890 Datasheet HTML 6Page - STMicroelectronics TS4890 Datasheet HTML 7Page - STMicroelectronics TS4890 Datasheet HTML 8Page - STMicroelectronics TS4890 Datasheet HTML 9Page - STMicroelectronics TS4890 Datasheet HTML 10Page - STMicroelectronics TS4890 Datasheet HTML 11Page - STMicroelectronics TS4890 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TS4890
8/32
Fig. 13 : Power Supply Rejection Ratio (PSRR)
vs Power supply
Fig. 15 : Power Supply Rejection Ratio (PSRR)
vs Bypass Capacitor
Fig. 17 : Power Supply Rejection Ratio (PSRR)
vs Feedback Resistor
Fig. 14 : Power Supply Rejection Ratio (PSRR)
vs Feedback Capacitor
Fig. 16 : Power Supply Rejection Ratio (PSRR)
vs Input Capacitor
Fig. 18 : Pout @ THD + N = 1% vs Supply
Voltage vs RL
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
Vcc = 5V to 2.2V
Cb = 1
µF & 0.1µF
Vripple = 200mVrms
Rfeed = 22k
Input = floating
RL = 8
Tamb = 25
°C
Frequency (Hz)
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
Cb=47
µF
Cb=100
µF
Cb=10
µF
Cb=1
µF
Vcc = 5 to 2.2V
Rfeed = 22k
Rin = 22k, Cin = 1
µF
Rg = 100
Ω, RL = 8Ω
Tamb = 25
°C
Frequency (Hz)
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
Rfeed=22k
Rfeed=10k
Rfeed=47k
Rfeed=110k
Vcc = 5 to 2.2V
Cb = 1
µF & 0.1µF
Vripple = 200mVrms
Input = floating
RL = 8
Tamb = 25
°C
Frequency (Hz)
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
Cfeed=680pF
Cfeed=330pF
Cfeed=150pF
Cfeed=0
Vcc = 5 to 2.2V
Cb = 1
µF & 0.1µF
Rfeed = 22k
Vripple = 200mVrms
Input = floating
RL = 8
Tamb = 25
°C
Frequency (Hz)
10
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
Cin=22nF
Cin=100nF
Cin=220nF
Cin=330nF
Cin=1
µF
Vcc = 5 to 2.2V
Rfeed = 22k, Rin = 22k
Cb = 1
µF
Rg = 100
Ω, RL = 8Ω
Tamb = 25
°C
Frequency (Hz)
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
32
16
4
6
Gv = 2 & 10
Cb = 1
µF
F = 1kHz
BW < 125kHz
Tamb = 25
°C
8
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com