Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4890
Description  RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 17Page - STMicroelectronics TS4890 Datasheet HTML 18Page - STMicroelectronics TS4890 Datasheet HTML 19Page - STMicroelectronics TS4890 Datasheet HTML 20Page - STMicroelectronics TS4890 Datasheet HTML 21Page - STMicroelectronics TS4890 Datasheet HTML 22Page - STMicroelectronics TS4890 Datasheet HTML 23Page - STMicroelectronics TS4890 Datasheet HTML 24Page - STMicroelectronics TS4890 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TS4890
21/32
Fig. 91 : Signal to Noise Ratio vs Power Supply
with Weighted Filter type A
Fig. 93 : Frequency Response Gain vs Cin, &
Cfeed
Fig. 95 : Current Consumption vs Standby
Voltage @ Vcc = 5V
Fig. 92 : Signal to Noise Ratio vs Power Supply
with Weighted Filter Type A
Fig. 94 : Current Consumption vs Power
Supply Voltage (no load)
Fig. 96 : Current Consumption vs Standby
Voltage @ Vcc = 3.3V
2.5
3.0
3.5
4.0
4.5
5.0
60
70
80
90
100
110
Gv = 2
Cb = Cin = 1
µF
THD+N < 0.4%
Tamb = 25
°C
RL=16
RL=8
RL=4
2.2
Vcc (V)
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
Rin = Rfeed = 22k
Tamb = 25
°C
Cfeed = 2.2nF
Cfeed = 680pF
Cfeed = 330pF
Cin = 470nF
Cin = 82nF
Cin = 22nF
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
Vcc = 5V
Tamb = 25
°C
Vstandby (V)
2.5
3.0
3.5
4.0
4.5
5.0
60
70
80
90
100
RL=8
RL=4
RL=16
Gv = 10
Cb = Cin = 1
µF
THD+N < 0.4%
Tamb = 25
°C
2.2
Vcc (V)
012
345
0
1
2
3
4
5
6
7
Vstandby = Vcc
Tamb = 25
°C
Vcc (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
Vcc = 3.3V
Tamb = 25
°C
Vstandby (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com