Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4890
Description  RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 23Page - STMicroelectronics TS4890 Datasheet HTML 24Page - STMicroelectronics TS4890 Datasheet HTML 25Page - STMicroelectronics TS4890 Datasheet HTML 26Page - STMicroelectronics TS4890 Datasheet HTML 27Page - STMicroelectronics TS4890 Datasheet HTML 28Page - STMicroelectronics TS4890 Datasheet HTML 29Page - STMicroelectronics TS4890 Datasheet HTML 30Page - STMicroelectronics TS4890 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
TS4890
27/32
Application n°2 : 20Hz to 20kHz bandwidth and
20dB gain BTL power amplifier.
Components :
Application n°3 : 50Hz to 10kHz bandwidth and
10dB gain BTL power amplifier.
Components :
Application n°4 : Differential inputs BTL power
amplifier.
In this configuration, we need to place these
components : R1, R4, R5, R6, R7, C4, C5, C12.
We have also : R4 = R5, R1 = R6, C4 = C5.
The gain of the amplifier is:
For Vcc=5V, a 20Hz to 20kHz bandwidth and 20dB
gain BTL power amplifier you could follow the bill
of material below.
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
3 pts connector 2.54mm
pitch
P1
PCB Phono Jack
D1*
Led 3mm
U1
TS4890ID or TS4890IS
Designator
Part Type
R1
110k / 0.125W
R4
22k / 0.125W
R6
Short Cicuit
R7*
(Vcc-Vf_led)/If_led
R8
10k / 0.125W
C5
470nF
C6
100µF
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
3 pts connector 2.54mm
pitch
P1
PCB Phono Jack
D1*
Led 3mm
U1
TS4890ID or TS4890IS
Designator
Part Type
Designator
Part Type
R1
33k / 0.125W
R2
Short Circuit
R4
22k / 0.125W
R6
Short Cicuit
R7*
(Vcc-Vf_led)/If_led
R8
10k / 0.125W
C2
470pF
C5
150nF
C6
100µF
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
3 pts connector 2.54mm
pitch
P1
PCB Phono Jack
D1*
Led 3mm
U1
TS4890ID or TS4890IS
GVDIFF = 2
R1
R4
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com