Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4890
Description  RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 18Page - STMicroelectronics TS4890 Datasheet HTML 19Page - STMicroelectronics TS4890 Datasheet HTML 20Page - STMicroelectronics TS4890 Datasheet HTML 21Page - STMicroelectronics TS4890 Datasheet HTML 22Page - STMicroelectronics TS4890 Datasheet HTML 23Page - STMicroelectronics TS4890 Datasheet HTML 24Page - STMicroelectronics TS4890 Datasheet HTML 25Page - STMicroelectronics TS4890 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TS4890
22/32
Fig. 97 : Current Consumption vs Standby
Voltage @ Vcc = 2.6V
Fig. 99 : Clipping Voltage vs Power Supply
Voltage and Load Resistor
Fig. 101 : Vout1+Vout2 Unweighted Noise Floor
Fig. 98 : Current Consumption vs Standby
Voltage @ Vcc = 2.2V
Fig. 100 :Clipping Voltage vs Power Supply
Voltage and Load Resistor
Fig. 102 : Vout1+Vout2 A-weighted Noise Floor
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
Vcc = 2.6V
Tamb = 25
°C
Vstandby (V)
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
RL = 16
RL = 4
2.2
Tamb = 25
°C
RL = 8
Power supply Voltage (V)
100
1000
10000
0
20
40
60
80
100
120
Av = 10
Av = 2
Standby mode
Vcc = 2.2V to 5V, Tamb = 25 C
Cb = Cin = 1 F
Input Grounded
BW = 20Hz to 20kHz (Unweighted)
20
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
Vcc = 2.2V
Tamb = 25
°C
Vstandby (V)
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
RL = 16
RL = 4
RL = 8
Tamb = 25
°C
2.2
Power supply Voltage (V)
100
1000
10000
0
20
40
60
80
100
120
Av = 10
Av = 2
Standby mode
Vcc = 2.2V to 5V, Tamb = 25 C
Cb = Cin = 1 F
Input Grounded
BW = 20Hz to 20kHz (A-Weighted)
20
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com