Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4890
Description  RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4890 Datasheet HTML 1Page - STMicroelectronics TS4890 Datasheet HTML 2Page - STMicroelectronics TS4890 Datasheet HTML 3Page - STMicroelectronics TS4890 Datasheet HTML 4Page - STMicroelectronics TS4890 Datasheet HTML 5Page - STMicroelectronics TS4890 Datasheet HTML 6Page - STMicroelectronics TS4890 Datasheet HTML 7Page - STMicroelectronics TS4890 Datasheet HTML 8Page - STMicroelectronics TS4890 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/32
s OPERATING FROM V
CC = 2.2V to 5.5V
s 1W RAI L TO RAIL OUTPUT POWER @
Vcc=5V, THD=1%, f=1kHz, with 8
Load
s ULTRA LOW CONSUMPTION IN STANDBY
MODE (10nA)
s 75dB PSRR @ 217Hz from 5 to 2.2V
s POP & CLICK REDUCTION CIRCUITRY
s ULTRA LOW DISTORTION (0.1%)
s UNITY GAIN STABLE
s AVAILABLE IN SO8, MiniSO8 & DFN8
DESCRIPTION
The TS4890 (MiniSO8 & SO8) is an Audio Power
Amplifier capable of delivering 1W of continuous
RMS. ouput power into 8
load @ 5V.
This Audio Amplifier is exhibiting 0.1% distortion
level (THD) from a 5V supply for a Pout = 250mW
RMS. An external standby mode control reduces
the supply current to less than 10nA. An internal
thermal shutdown protection is also provided.
The TS4890 have been designed for high quality
audio applications such as mobile phones and to
minimize the number of external components.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
APPLICATIONS
s Mobile Phones (Cellular / Cordless)
s Laptop / Notebook Computers
s PDAs
s Portable Audio Devices
ORDER CODE
MiniSO & DFN only available in Tape & Reel: with T suffix.
SO is available in Tube (D) and of Tape & Reel (DT)
PIN CONNECTIONS (Top View)
Part
Number
Temperature
Range
Package
Marking
SD
Q
TS4890
-40, +85°C
4890I
4890
4890
Standby
Bypass
V+
IN
VIN-
V2
OUT
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
Rin
Cin
Rstb
Cb
Rfeed
4
3
2
1
5
8
Vin-
Vin+
-
+
-
+
Bypass
Standby
Bias
6
Vout1
Vout2
Av=-1
TS4890
RL
8 Ohms
Audio
Input
Vcc
Vcc
Cfeed
Cs
7
TYPICAL APPLICATION SCHEMATIC
TS4890IST - MiniSO8
TS4890ID, TS4890IDT - SO8
Standby
Bypass
V+
IN
VIN-
V2
OUT
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
TS4890IQT - DFN8
1
2
3
4
5
8
7
6
STANDBY
BYPASS
V
OUT 2
V
IN-
V
IN+
Vcc
V
OUT 1
GND
1
2
3
4
5
8
7
6
STANDBY
BYPASS
V
OUT 2
V
IN-
V
IN+
Vcc
V
OUT 1
GND
TS4890
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH
STANDBY MODE ACTIVE LOW
June 2003


Similar Part No. - TS4890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4890 STMICROELECTRONICS-TS4890 Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
TS4890IDT STMICROELECTRONICS-TS4890IDT Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
TS4890IST STMICROELECTRONICS-TS4890IST Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
TS4890 STMICROELECTRONICS-TS4890_V01 Datasheet
1Mb / 46P
Rail-to-rail output 1 W audio power amplifier with standby mode active low
15-Feb-2019
More results

Similar Description - TS4890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com