Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet (PDF) - STMicroelectronics

TS4871 Datasheet PDF - STMicroelectronics
Part # TS4871
Download  TS4871 Download
File Size   1484.07 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE

TS4871 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4871 Datasheet PDF - STMicroelectronics

Part # TS4871
Download  TS4871 Click to download

File Size   1484.07 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE

TS4871 Datasheet (HTML) - STMicroelectronics


TS4871 Product details

DESCRIPTION
The TS4871 is an Audio Power Amplifier capable of delivering 1W of continuous RMS Output Power into 8Ω load @ 5V.
This Audio Amplifier is exhibiting 0.1% distortion level (THD) from a 5V supply for a Pout = 250mW RMS. An external standby mode control reduces the supply current to less than 10nA. An internal thermal shutdown protection is also provided.
   
■ OPERATING FROM VCC = 2.5V to 5.5V
■ 1W RAIL TO RAIL OUTPUT POWER @
    Vcc=5V, THD=1%, f=1kHz, with 8Ω Load
■ ULTRA LOW CONSUMPTION IN STANDBY
    MODE (10nA)
■ 75dB PSRR @ 217Hz from 5V to 2.6V
■ ULTRA LOW POP & CLICK
■ ULTRA LOW DISTORTION (0.1%)
■ UNITY GAIN STABLE
■ AVAILABLE IN SO8, MiniSO8 & DFN8 3x3mm
   
APPLICATIONS
■ Mobile Phones (Cellular / Cordless)
■ Laptop / Notebook Computers
■ PDAs
■ Portable Audio Devices
   




Similar Part No. - TS4871

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
2Mb / 42P
Output rail-to-rail 1 W audio power amplifier with standby mode
02-Oct-2024
TS4871IST STMICROELECTRONICS-TS4871IST Datasheet
2Mb / 42P
Output rail-to-rail 1 W audio power amplifier with standby mode
02-Oct-2024
TS4871 STMICROELECTRONICS-TS4871_V01 Datasheet
2Mb / 42P
Output rail-to-rail 1 W audio power amplifier with standby mode
02-Oct-2024
More results


Similar Description - TS4871

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Apr-1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TS925 STMICROELECTRONICS-TS925 Datasheet
795Kb / 17P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground
Chapter
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com