Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4871
Description  OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4871 Datasheet HTML 1Page - STMicroelectronics TS4871 Datasheet HTML 2Page - STMicroelectronics TS4871 Datasheet HTML 3Page - STMicroelectronics TS4871 Datasheet HTML 4Page - STMicroelectronics TS4871 Datasheet HTML 5Page - STMicroelectronics TS4871 Datasheet HTML 6Page - STMicroelectronics TS4871 Datasheet HTML 7Page - STMicroelectronics TS4871 Datasheet HTML 8Page - STMicroelectronics TS4871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TS4871
2/28
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1)
6V
Vi
Input Voltage 2)
GND to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient 3)
SO8
MiniSO8
QNF8
175
215
70
°C/W
Pd
Power Dissipation
Internally Limited4)
ESD
Human Body Model
2
kV
ESD
Machine Model
200
V
Latch-up Latch-up Immunity
Class A
Lead Temperature (soldering, 10sec)
260
°C
1. All voltages values are measured with respect to the ground pin.
2. The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
3. Device is protected in case of over temperature by a thermal shutdown active @ 150°C.
4. Exceeding the power derating curves during a long period, involves abnormal operating condition.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.5 to 5.5
V
VICM
Common Mode Input Voltage Range
GND to VCC - 1.2V
V
VSTB
Standby Voltage Input :
Device ON
Device OFF
GND ≤ VSTB ≤ 0.5V
VCC - 0.5V ≤ VSTB ≤ VCC
V
RL
Load Resistor
4 - 32
Rthja
Thermal Resistance Junction to Ambient 1)
SO8
MiniSO8
DFN8 2)
150
190
41
°C/W
1. This thermal resistance can be reduced with a suitable PCB layout (see Power Derating Curves Fig. 20)
2. When mounted on a 4 layers PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com