Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4871
Description  OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 14Page - STMicroelectronics TS4871 Datasheet HTML 15Page - STMicroelectronics TS4871 Datasheet HTML 16Page - STMicroelectronics TS4871 Datasheet HTML 17Page - STMicroelectronics TS4871 Datasheet HTML 18Page - STMicroelectronics TS4871 Datasheet HTML 19Page - STMicroelectronics TS4871 Datasheet HTML 20Page - STMicroelectronics TS4871 Datasheet HTML 21Page - STMicroelectronics TS4871 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TS4871
18/28
Fig. 75 : Current Consumption vs Standby
Voltage @ Vcc = 2.6V
Fig. 77 : Clipping Voltage vs Power Supply
Voltage and Load Resistor
Fig. 79 : Vout1+Vout2 Unweighted Noise Floor
Fig. 76 : Current Consumption vs Standby
Voltage @ Vcc = 3.3V
Fig. 78 : Clipping Voltage vs Power Supply
Voltage and Load Resistor
Fig. 80 : Vout1+Vout2 A-weighted Noise Floor
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
Vcc = 2.6V
Tamb = 25°C
Vstandby (V)
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tamb = 25
°C
RL = 16
RL = 8
RL = 4
Power supply Voltage (V)
100
1000
10000
0
20
40
60
80
100
120
Av = 10
Av = 2
Standby mode
Vcc = 2.5V to 5V, Tamb = 25 C
Cb = Cin = 1 F
Input Grounded
BW = 20Hz to 20kHz (Unweighted)
20
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
Vcc = 3.3V
Tamb = 25°C
Vstandby (V)
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tamb = 25
°C
RL = 16
RL = 8
RL = 4
Power supply Voltage (V)
100
1000
10000
0
20
40
60
80
100
120
Av = 10
Av = 2
Standby mode
Vcc = 2.5V to 5V, Tamb = 25 C
Cb = Cin = 1 F
Input Grounded
BW = 20Hz to 20kHz (A-Weighted)
20
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com