Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4871
Description  OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 16Page - STMicroelectronics TS4871 Datasheet HTML 17Page - STMicroelectronics TS4871 Datasheet HTML 18Page - STMicroelectronics TS4871 Datasheet HTML 19Page - STMicroelectronics TS4871 Datasheet HTML 20Page - STMicroelectronics TS4871 Datasheet HTML 21Page - STMicroelectronics TS4871 Datasheet HTML 22Page - STMicroelectronics TS4871 Datasheet HTML 23Page - STMicroelectronics TS4871 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TS4871
20/28
Fig. 83 : SO8 & MiniSO8 Demoboard Top
Solder Layer
Fig. 84 : SO8 & MiniSO8 Demoboard Bottom Solder
Layer
s BTL Configuration Principle
The TS4871 is a monolithic power amplifier with a
BTL output type. BTL (Bridge Tied Load) means
that each end of the load is connected to two
single ended output amplifiers. Thus, we have :
Single ended output 1 = Vout1 = Vout (V)
Single ended output 2 = Vout2 = -Vout (V)
And Vout1 - Vout2 = 2Vout (V)
The output power is:
For the same power supply voltage, the output
power in BTL configuration is four times higher
than
the
output
power
in
single
ended
configuration.
s Gain In Typical Application Schematic
(see page 1)
In flat region (no effect of Cin), the output voltage
of the first stage is:
For the second stage : Vout2 = -Vout1 (V)
The differential output voltage is:
The differential gain named gain (Gv) for more
convenient usage is:
Remark : Vout2 is in phase with Vin and Vout1 is
180 phased with Vin. It means that the positive
terminal of the loudspeaker should be connected
to Vout2 and the negative to Vout1.
s Low and high frequency response
In low frequency region, the effect of Cin starts.
Cin with Rin forms a high pass filter with a -3dB cut
off frequency.
In high frequency region, you can limit the
bandwidth by adding a capacitor (Cfeed) in
parallel on Rfeed. Its form a low pass filter with a
-3dB cut off frequency.
)
W
(
R
)
Vout
2
(
Pout
L
2
RMS
=
Vout1 =
Vin
R fe ed
Ri n
-------------------- (V)
Vout2
Vo ut1 = 2Vin
Rfee d
Rin
-------------------- (V)
Gv =
Vout2
Vou t1
Vi n
--------------------------------------- = 2
Rfee d
Ri n
--------------------
F CL =
1
2
π Rin Cin
--------------------------------
Hz
()
FCH =
1
2
π Rfeed Cfeed
-----------------------------------------------
Hz
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com