Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4871
Description  OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 19Page - STMicroelectronics TS4871 Datasheet HTML 20Page - STMicroelectronics TS4871 Datasheet HTML 21Page - STMicroelectronics TS4871 Datasheet HTML 22Page - STMicroelectronics TS4871 Datasheet HTML 23Page - STMicroelectronics TS4871 Datasheet HTML 24Page - STMicroelectronics TS4871 Datasheet HTML 25Page - STMicroelectronics TS4871 Datasheet HTML 26Page - STMicroelectronics TS4871 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TS4871
23/28
which gives 16Hz.
In Higher frequency we want 20kHz (-3dB cut off
frequency). The Gain Bandwidth Product of the
TS4871 is 2MHz typical and doesn’t change when
the amplifier delivers power into the load.
The first amplifier has a gain of:
and the theoretical value of the -3dB cut-off higher
frequency is 2MHz/3 = 660kHz.
We can keep this value or limit the bandwidth by
adding a capacitor Cfeed, in parallel on Rfeed.
Then:
So, we could use for Cfeed a 220pF capacitor
value that gives 24kHz.
Now, we can calculate the value of Cb with the
formula
τb = 50kΩxCb >> τin = (Rin+Rfeed)xCin
which permits to reduce the pop and click effects.
Then Cb >> 0.8µF.
We can choose for Cb a normalized value of 2.2µF
that gives good results in THD+N and PSRR.
In the following tables, you could find three
another examples with values required for the
demoboard.
Remark : components with (*) marking are
optional.
Application n°1 : 20Hz to 20kHz bandwidth and
6dB gain BTL power amplifier.
Components :
Application n°2 : 20Hz to 20kHz bandwidth and
20dB gain BTL power amplifier.
Components :
CIN =
1
2
π RinFCL
------------------------------ = 795nF
Rfee d
Rin
----------------- = 3
C FEED =
1
2
π RFEEDFCH
--------------------------------------- = 265pF
Designator
Part Type
R1
22k / 0.125W
R4
22k / 0.125W
R6
Short Cicuit
R7
330k / 0.125W
R8*
(Vcc-Vf_led)/If_led
C5
470nF
C6
100µF
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
3 pts connector 2.54mm
pitch
P1
PCB Phono Jack
D1*
Led 3mm
U1
TS4871ID or TS4871IS
Designator
Part Type
R1
110k / 0.125W
R4
22k / 0.125W
R6
Short Cicuit
R7
330k / 0.125W
R8*
(Vcc-Vf_led)/If_led
C5
470nF
C6
100µF
C7
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com