Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4871
Description  OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4871 Datasheet HTML 1Page - STMicroelectronics TS4871 Datasheet HTML 2Page - STMicroelectronics TS4871 Datasheet HTML 3Page - STMicroelectronics TS4871 Datasheet HTML 4Page - STMicroelectronics TS4871 Datasheet HTML 5Page - STMicroelectronics TS4871 Datasheet HTML 6Page - STMicroelectronics TS4871 Datasheet HTML 7Page - STMicroelectronics TS4871 Datasheet HTML 8Page - STMicroelectronics TS4871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
s OPERATING FROM V
CC = 2.5V to 5.5V
s 1W RAIL TO RAIL OUTPUT POWER @
Vcc=5V, THD=1%, f=1kHz, with 8
Load
s ULTRA LOW CONSUMPTION IN STANDBY
MODE (10nA)
s 75dB PSRR @ 217Hz from 5V to 2.6V
s ULTRA LOW POP & CLICK
s ULTRA LOW DISTORTION (0.1%)
s UNITY GAIN STABLE
s AVAILABLE IN SO8, MiniSO8 & DFN8 3x3mm
DESCRIPTION
The TS4871 is an Audio Power Amplifier capable
of delivering 1W of continuous RMS Ouput Power
into 8
load @ 5V.
This Audio Amplifier is exhibiting 0.1% distortion
level (THD) from a 5V supply for a Pout = 250mW
RMS. An external standby mode control reduces
the supply current to less than 10nA. An internal
thermal shutdown protection is also provided.
The TS4871 has been designed for high quality
audio applications such as mobile phones and to
minimize the number of external components.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
APPLICATIONS
s Mobile Phones (Cellular / Cordless)
s Laptop / Notebook Computers
s PDAs
s Portable Audio Devices
ORDER CODE
MiniSO & DFN only available in Tape & Reel with T suffix(IST & IQT)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (Top View)
Part
Number
Temperature
Range: I
Package
Marking
DS
Q
TS4871
-40, +85°C
4871I
••
4871
Standby
Bypass
V+
IN
VIN-
V2
OUT
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
Rin
Cin
Rstb
Cb
Rfeed
4
3
2
1
5
8
Vin-
Vin+
-
+
-
+
Bypass
Standby
Bias
6
Vout1
Vout2
Av=-1
TS4871
RL
8 Ohms
Audio
Input
Vcc
Vcc
Cfeed
Cs
7
TYPICAL APPLICATION SCHEMATIC
TS4871IST - MiniSO8
TS4871ID-TS4871IDT - SO8
Standby
Bypass
V+
IN
VIN-
V2
OUT
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
1
2
3
4
5
8
7
6
STANDBY
BYPASS
V
OUT 2
V
IN-
V
IN+
Vcc
V
OUT 1
GND
1
2
3
4
5
8
7
6
STANDBY
BYPASS
V
OUT 2
V
IN-
V
IN+
Vcc
V
OUT 1
GND
TS4871IQT - DFN8
TS4871
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER
WITH STANDBY MODE
June 2003


Similar Part No. - TS4871

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
2Mb / 42P
Output rail-to-rail 1 W audio power amplifier with standby mode
02-Oct-2024
TS4871IST STMICROELECTRONICS-TS4871IST Datasheet
2Mb / 42P
Output rail-to-rail 1 W audio power amplifier with standby mode
02-Oct-2024
TS4871 STMICROELECTRONICS-TS4871_V01 Datasheet
2Mb / 42P
Output rail-to-rail 1 W audio power amplifier with standby mode
02-Oct-2024
More results

Similar Description - TS4871

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Apr-1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TS925 STMICROELECTRONICS-TS925 Datasheet
795Kb / 17P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground
Chapter
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com