Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet (PDF) - STMicroelectronics

TS4990 Datasheet PDF - STMicroelectronics
Part # TS4990
Download  TS4990 Download
File Size   143.35 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE

TS4990 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4990 Datasheet PDF - STMicroelectronics

Part # TS4990
Download  TS4990 Click to download

File Size   143.35 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE

TS4990 Datasheet (HTML) - STMicroelectronics


TS4990 Product details

Description
The TS4990 is designed for demanding audio applications such as mobile phones to reduce the number of external components.
   
Features
■ Operating range from VCC = 2.2 V to 5.5 V
■ 1.2 W output power @ VCC = 5 V, THD = 1%,
    F = 1 kHz, with 8Ωload
■ Ultra-low consumption in standby mode (10 nA)
■ 62 dB PSRR at 217 Hz in grounded mode
■ Near-zero pop and click
■ Ultra-low distortion (0.1%)
■ Unity gain stable
■ Available in 9-bump flip-chip, miniSO-8 and
    DFN8 packages
   
Applications
■ Mobile phones (cellular / cordless)
■ Laptop / notebook computers
■ PDAs
■ Portable audio devices
   




Similar Part No. - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4990 STMICROELECTRONICS-TS4990 Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
TS4990EKIJT STMICROELECTRONICS-TS4990EKIJT Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
More results


Similar Description - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com