Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4872 Datasheet (PDF) - STMicroelectronics

TS4872 Datasheet PDF - STMicroelectronics
Part # TS4872
Download  TS4872 Download
File Size   960.2 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE

TS4872 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4872 Datasheet PDF - STMicroelectronics

Part # TS4872
Download  TS4872 Click to download

File Size   960.2 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE

TS4872 Datasheet (HTML) - STMicroelectronics


TS4872 Product details

DESCRIPTION
The TS4872 is an Audio Power Amplifier capable of delivering 1W of continuous RMS Ouput Power into 8Ω load @ 5V.

■ OPERATING FROM VCC = 2.2V to 5.5V
■ RAIL TO RAIL INPUT/OUTPUT
■ 1W OUTPUT POWER @ Vcc=5V, THD=1%, f=1kHz, with 8Ω Load
■ ULTRA LOW CONSUMPTION IN STANDBY MODE (10nA)
■ 75dB PSRR @ 217Hz @ 5 & 2.6V
■ ULTRA LOW POP & CLICK
■ ULTRA LOW DISTORTION (0.05%)
■ UNITY GAIN STABLE
■ 8 X170µm BUMPS FLIP CHIP PACKAGE

APPLICATIONS
■ Mobile Phones (Cellular / Cordless)
■ PDAs
■ Laptop/Notebook computers
■ Portable Audio Devices




Similar Part No. - TS4872

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4872IJT STMICROELECTRONICS-TS4872IJT Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
More results


Similar Description - TS4872

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 27, 2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com