Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4890
Description  RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 15Page - STMicroelectronics TS4890 Datasheet HTML 16Page - STMicroelectronics TS4890 Datasheet HTML 17Page - STMicroelectronics TS4890 Datasheet HTML 18Page - STMicroelectronics TS4890 Datasheet HTML 19Page - STMicroelectronics TS4890 Datasheet HTML 20Page - STMicroelectronics TS4890 Datasheet HTML 21Page - STMicroelectronics TS4890 Datasheet HTML 22Page - STMicroelectronics TS4890 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TS4890
19/32
Fig. 79 : THD + N vs Frequency
Fig. 81 : THD + N vs Frequency
Fig. 83 : THD + N vs Frequency
Fig. 80 : THD + N vs Frequency
Fig. 82 : THD + N vs Frequency
Fig. 84 : THD + N vs Frequency
20
100
1000
10000
0.1
1
RL = 8
Ω, Vcc = 2.2V
Gv = 10
Pout = 150mW
BW < 125kHz
Tamb = 25
°C
Cb = 0.1
µF
Cb = 1
µF
Frequency (Hz)
20
100
1000
10000
0.01
0.1
1
Pout = 310mW
Pout = 620mW
RL = 16
Ω, Vcc = 5V
Gv = 2, Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
20
100
1000
10000
0.01
0.1
1
Pout = 135mW
Pout = 270mW
RL = 16
Ω, Vcc = 3.3V
Gv = 2, Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
20
100
1000
10000
0.1
1
Cb = 1
µF
Cb = 0.1
µF
RL = 8
Ω, Vcc = 2.2V
Gv = 10
Pout = 72mW
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
20
100
1000
10000
0.01
0.1
1
Pout = 310mW
Pout = 620mW
RL = 16
Ω, Vcc = 5V
Gv = 10, Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
20
100
1000
10000
0.1
1
Pout = 135mW
Pout = 270mW
RL = 16
Ω, Vcc = 3.3V
Gv = 10
Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com