Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1117P Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FR1117P
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR1117P Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FR1117P Datasheet HTML 1Page - First Silicon Co., Ltd FR1117P Datasheet HTML 2Page - First Silicon Co., Ltd FR1117P Datasheet HTML 3Page - First Silicon Co., Ltd FR1117P Datasheet HTML 4Page - First Silicon Co., Ltd FR1117P Datasheet HTML 5Page - First Silicon Co., Ltd FR1117P Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Input/Output Differential Voltage (V)
Temperature(℃)
Adjust Pin Current
Minimum Load Current (Adjustable)
12
3
45
6
1
2
3
4
5
50
25
0
-25
-50
75
20
40
60
100
80
125
100
Ambient Temperature(℃)
Dropout Voltage - Temperature
Output Current (mA)
Dropout Voltage
600
400
200
800
0.0
0.4
0.8
1.6
1.2
1000
0.2
0.6
1.0
1.8
1.4
80
60
40
20
0
100
1.05
1.15
1.25
1.45
1.35
140
120
Tj=125℃
Tj=25℃
Tj=0℃
Tj=0℃
Tj=50℃
Tj=125℃
Io=800mA
2012. 07. 20
4/6
FR1117P/S/D/F-AD ~ FR1117P/S/D/F-5.0
Revision No : 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com