Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1117P Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FR1117P
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR1117P Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FR1117P Datasheet HTML 1Page - First Silicon Co., Ltd FR1117P Datasheet HTML 2Page - First Silicon Co., Ltd FR1117P Datasheet HTML 3Page - First Silicon Co., Ltd FR1117P Datasheet HTML 4Page - First Silicon Co., Ltd FR1117P Datasheet HTML 5Page - First Silicon Co., Ltd FR1117P Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VIN
IN
V
10uF
R2
VOUT
GND
10uF
VOUT
VIN
IN
V
10uF
VOUT
ADJ
10uF
VOUT
R1
124Ω
Fig.1 Application Circuit-1 (Fixed-Type)
Fig.2 Application Circuit-2 (Adjustable-Type)
VOUT=VREF (1+R2/R1) + IADJ R2
2012. 07. 20
3/6
FR1117P/S/D/F-AD ~ FR1117P/S/D/F-5.0
Revision No : 7
Temperature (℃)
FrequenCy (HZ)
100K
10K
1K
100
10
0
1M
20
30
40
50
60
70
80
Ripple Rejection (with Cadj 25uF)
140
120
100
0
8
0
6
0
4
0
2
0
0
2
-
-1.6
-1.2
1.6
-0.8
-0.4
0.0
0.4
0.8
1.2
Temperature Stability
COUN=25uF
COUN=10uF
COUN=25uF
COUN=10uF
IOUT=0.5A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com