Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10H352JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10H352JC
Description  QUAD CMOS-to-PECL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H352JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10H352JC Datasheet HTML 1Page - Micrel Semiconductor SY10H352JC Datasheet HTML 2Page - Micrel Semiconductor SY10H352JC Datasheet HTML 3Page - Micrel Semiconductor SY10H352JC Datasheet HTML 4Page - Micrel Semiconductor SY10H352JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY10H352
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10H352JC
J20-1
Commercial
SY10H352JC
Sn-Pb
SY10H352JCTR(2)
J20-1
Commercial
SY10H352JC
Sn-Pb
SY10H352JZ(3)
J20-1
Commercial
SY10H352JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10H352JZTR(2, 3)
J20-1
Commercial
SY10H352JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
20-Pin PLCC (J20-1)
1
20
19
18
17 16
15 14
13
12
11
10
9
8
7
6
5
4
3
2
NC
D3
VCCT
GND
Common Strobe
/Q2
VCCE
/Q1
Q1
NC
Top View
PLCC
J20-1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com