Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10H352JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10H352JC
Description  QUAD CMOS-to-PECL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H352JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10H352JC Datasheet HTML 1Page - Micrel Semiconductor SY10H352JC Datasheet HTML 2Page - Micrel Semiconductor SY10H352JC Datasheet HTML 3Page - Micrel Semiconductor SY10H352JC Datasheet HTML 4Page - Micrel Semiconductor SY10H352JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY10H352
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Notes:
1. Propagation delay is measured on this circuit from V
CC2 on the input waveform to the 50% point on the output waveform.
2. These parameters are guaranteed but not tested.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
t
PD
Propagation Delay(1)
0.4
1.9
0.4
—
2.0
0.4
2.1
ns
50
Ω to VCC–2V
t
r
Output Rise/Fall Time
0.4
1.9
0.4
—
2.0
0.4
2.1
ns
50
Ω to VCC–2V
t
f
(20% to 80%)
f
MAX
Maximum Input Frequency(2)
150
—
150
——
150
—
MHz
50
Ω to VCC–2V
AC ELECTRICAL CHARACTERISTICS
VCC1 = VCC2 = VCCE = VCCT = 4.75V to 5.25V
SWITCHING WAVEFORM
COMPLEMENT
INPUT
50%
1ns/V (typical)
V
CC
10%
90%
V
CC/2
0V
t
THL
TRUE
20%
80%
50%
t
TLH
1ns/V (typical)
t
PLH
t
PHL
t
PLH
t
PHL
Figure 1. Propagation Delay and Transition Times



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com