Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2803 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT2803 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Descriptions
Pin Configuration
QFN44-24
(Top View)
1
3
2
5
4
6
18
16
17
14
15
13
C1-
C1+
VOUT_FL
VIN
EN_FL
N/C
GND
D1
VIN
GND
D2
D3
AAT2803
Pin #
Symbol
Function
1
C1-
Flying capacitor 1 negative terminal.
2
C1+
Flying capacitor 1 positive terminal. Connect a 1μF capacitor between C1+ and C1-.
3
VOUT_FL
Flash output voltage. Requires 1μF capacitor connected between this pin and ground.
4, 14
VIN
Input power supply. Requires 1μF capacitor connected between this pin and ground.
5
EN_FL
Enable pin for flash charge pump. For normal operation, connect to VIN. When con-
nected low, the flash charge pump shuts down and consumes less than 1μA of current.
6, 7, 23
N/C
No connect.
8
VOUT_BL
Backlight output voltage charge pump. Requires 1μF capacitor connected between this
pin and ground.
9
C2+
Flying capacitor 2 positive terminal. Connect a 1μF capacitor between C2+ and C2-.
10
C3+
Flying capacitor 3 positive terminal. Connect a 1μF capacitor between C3+ and C3-.
11
C3-
Flying capacitor 3 negative terminal.
12
C2-
Flying capacitor 2 negative terminal.
13, 15, 24
GND
Ground.
16
D1
Current sink input #1.
17
D2
Current sink input #2.
18
D3
Current sink input #3.
19
D5
Current sink input #5.
20
D4
Current sink input #4.
21
D6
Current sink input #6.
22
EN/SET
AS2Cwire serial interface control pin for backlight charge pump. It controls the current
settings for all six channels. This pin should not be left floating.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
2
2803.2006.12.1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com