Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2803 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT2803
Description  Six-Channel White LED Backlight Charge Pump with Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2803 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT2803 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2803 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings1
Thermal Information2
Symbol
Description
Value
Units
PD
Maximum Power Dissipation3
2.0
W
θJA
Maximum Thermal Resistance
50
°C/W
Symbol
Description
Value
Units
VIN
Input Voltage
-0.3 to 6
V
VEN/SET
EN/SET to GND Voltage
-0.3 to VIN + 0.3
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT2803
Six-Channel White LED Backlight
Charge Pump with Flash
2803.2006.12.1.6
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
3. Derate 6.25mW/°C above 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com