Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S336 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S336
Description  4-STAGE COUNTER/SHIFT REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S336 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S336 Datasheet HTML 1Page - Micrel Semiconductor SY100S336 Datasheet HTML 2Page - Micrel Semiconductor SY100S336 Datasheet HTML 3Page - Micrel Semiconductor SY100S336 Datasheet HTML 4Page - Micrel Semiconductor SY100S336 Datasheet HTML 5Page - Micrel Semiconductor SY100S336 Datasheet HTML 6Page - Micrel Semiconductor SY100S336 Datasheet HTML 7Page - Micrel Semiconductor SY100S336 Datasheet HTML 8Page - Micrel Semiconductor SY100S336 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SY100S336
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
fshift
Shift Frequency700
—
700
—
700
—
MHz
tPLH
Propagation Delay
450
1200
450
1200
450
1200
ps
tPHL
CP to Qn, Qn
tPLH
Propagation Delay
600
1900
600
1900
600
1900
ps
tPHL
CP to TC
tPLH
Propagation Delay
500
1400
500
1400
500
1400
ps
tPHL
MR to Qn, Qn
tPLH
Propagation Delay
600
1900
600
1900
600
1900
ps
tPHL
MR to TC
tPLH
Propagation Delay
400
1200
400
1200
400
1200
ps
tPHL
D0/CET to TC
tPLH
Propagation Delay
1500
2600
1500
2600
1500
2600
ps
tPHL
Sn to TC
tTLH
Transition Time300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS
Set-up Time
ps
D3
800
—
800
—
800
—
Pn
800
—
800
—
800
—
D0/CET to CEP
700
—
700
—
700
—
Sn
2000
—
2000
—
2000
—
MR (Release Time)
900
—
900
—
900
—
tH
Hold Time
ps
D3
200
—
200
—
200
—
Pn
200
—
200
—
200
—
D0/CET to CEP
200
—
200
—
200
—
Sn
-600
—
-600
—
-600
—
tpw (H)
Pulse Width HIGH, CP, MR
—
800
—
800
—
800
ps
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com