Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S336 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S336
Description  4-STAGE COUNTER/SHIFT REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S336 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S336 Datasheet HTML 1Page - Micrel Semiconductor SY100S336 Datasheet HTML 2Page - Micrel Semiconductor SY100S336 Datasheet HTML 3Page - Micrel Semiconductor SY100S336 Datasheet HTML 4Page - Micrel Semiconductor SY100S336 Datasheet HTML 5Page - Micrel Semiconductor SY100S336 Datasheet HTML 6Page - Micrel Semiconductor SY100S336 Datasheet HTML 7Page - Micrel Semiconductor SY100S336 Datasheet HTML 8Page - Micrel Semiconductor SY100S336 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SY100S336
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
Inputs
Outputs
MR
S2
S1
S0
CEP
D0/CET
D3
CP
Q0
Q1
Q2
Q3
TC
Mode
LLLL
X
X
X
u
P0
P1
P2
P3
L
Preset (Parallel Load)
LLL
H
X
X
X
u
Q0
Q1
Q2
Q3
L
Invert
LL
H
L
X
X
X
u
Q1
Q2
Q3
D3
D3
Shift Left
LL
H
H
X
X
X
u
D0
Q0
Q1
Q2
Q3*
Shift Right
LH
L
L
L
L
X
u
(Q0–3) minus 1
x
Count Down
LH
L
L
H
L
X
X
Q0
Q1
Q2
Q3
x
Count Down with CEP
Not Active
LH
L
L
X
H
X
X
Q0
Q1
Q2
Q3
H
Count Down with CET
Not Active
L
H
L
H
X
X
X
u
LLLL
H
Clear
LH
H
L
L
L
X
u
(Q0–3) plus 1
≠
Count Up
LH
H
L
H
L
X
X
Q0
Q1
Q2
Q3
≠
Count Up with CEP
Not Active
LH
H
L
X
H
X
X
Q0
Q1
Q2
Q3
H
Count Up with CET
Not Active
L
HHH
X
X
X
X
Q0
Q1
Q2
Q3
H
Hold
H
LLL
X
X
X
X
LLLLL
Asynchronous Master
H
L
L
H
X
X
X
X
LLLLL
Reset
H
L
H
L
X
X
X
X
LLLLL
H
L
H
H
X
X
X
X
LLLLL
H
H
LL
X
L
X
X
LLLLL
H
H
LL
X
H
X
X
LLLL
H
H
H
L
H
X
X
X
X
LLLL
H
H
H
H
L
X
X
X
X
LLLL
H
HHHH
X
X
X
X
LLLL
H
TRUTH TABLE(1)
NOTE:
1. H = High Voltage Level
L = Low Voltage Level
X = Don't Care
u = LOW-to-HIGH Transition
x = L if Q0 – Q3 = LLLL
H if Q0 – Q3
≠ LLLL
≠ = L if Q0 – Q3 = HHHH
H if Q0 – Q3
≠ HHHH
* Before the clock, TC is Q3; after the clock, TC is Q2
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–170
–145
–90
mA
Inputs Open



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com