Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S341 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100S341
Description  8-BIT SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S341 Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY100S341_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 6Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 7Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SY100S341
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAMS
Set-up and Hold Times
Notes:
1. VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND.
2. tS is the minimum time before the transition of the clock that information must be present at the data input.
3. tH is the minimum time after the transition of the clock that information must remain unchanged at the data input.
CLOCK
50%
–1.69V
Pn, Sn, Dn
tS
50%
tH
–0.95V
–1.69V
–0.95V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com