Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S341 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S341
Description  8-BIT SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S341 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S341_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 6Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 7Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY100S341
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TRUTH TABLE
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
u = LOW-to-HIGH Transition
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Inputs
Outputs
Function
D7
D0
S1
S0
CP
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Load Register
X
X
L
L
u
P7
P6
P5
P4
P3
P2
P1
P0
Shift Left
X
L
L
H
u
Q6
Q5
Q4
Q3
Q2
Q1
Q0
L
Shift Left
X
H
L
H
u
Q6
Q5
Q4
Q3
Q2
Q1
Q0
H
Shift Right
L
X
H
L
u
L
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Shift Right
H
X
H
L
u
H
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Hold
X
X
H
H
X
No Change
Hold
XXXX
H
Hold
XXXX
L
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–150
–102
–71
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
fshift
Shift Frequency
600
600
600
MHz
tPLH
Propagation Delay
450
1200
450
1200
450
1200
ps
tPHL
CP to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS
Set-up Time
ps
Dn, Pn
300
300
300
Sn
600
600
600
tH
Hold Time
ps
Dn, Pn
300
300
300
Sn
0
0
0
tpw (H)
Pulse Width HIGH, CP
600
600
600
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com