Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3688 Datasheet(PDF) 21 Page - Advanced Analog Technology, Inc.

Part # AAT3688
Description  USB Port Lithium-Ion/Polymer Battery Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3688 Datasheet(HTML) 21 Page - Advanced Analog Technology, Inc.

Back Button AAT3688 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 16Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 17Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 18Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 19Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 20Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 21Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 22Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 23Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AAT3688
USB Port Lithium-Ion/Polymer Battery Charger
3688.2006.10.1.5
21
AAT3688 Evaluation Board Schematic Diagram
GRN
LED D2
RED
LED D1
8.06K
R8
1.5K
R5
1.5K
R6
1.5K
R9
Open
R3
10K
R4
42.2K
R7
10µF
C1
1 2 3
USBSEL
J2
SW1
LO
HI
DATA
1 2 3
ON/OFF
J1
USB
1
BAT
2
GND
3
CHR
4
EN
5
TS
6
DATA
7
STAT2
8
STAT1
9
USBSEL
10
USBL
11
USBH
12
AAT3688
U1
1
2
TB1
BAT
GND
TS
USB
GND
TDFN33-12
1
2
3
4
5
Mini-B
10µF
C2
GND
ID
D+
D-
VBUS
1
2
3
TB2
Open
R2
Open
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com