Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMBLOCK Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CAMBLOCK
Description  5mm Pitch Standard Profile Terminal Block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CAMBLOCK Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CAMBLOCK Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB
TERMINAL
BLOCKS
CAMBLOCK
5
2
5mm Pitch Standard Profile Terminal Block
• 2-12 pole interlocking
• Moulded in black
UL94V-0 PA Flame retardant PA66
• Wire protector terminals
• 0.3-2mm2 (22-14 AWG)
• Guided pin alignment
•
approved
TYPE NO.
CTB1202/2BK
CTB1202/3BK
CTB1202/4BK
CTB1202/5BK
CTB1202/6BK
CTB1202/7BK
CTB1202/8BK
CTB1202/9BK
CTB1202/10BK
CTB1202/11BK
CTB1202/12BK
POLES
2
3
4
5
6
7
8
9
10
11
12
LENGTH
10mm
15mm
20mm
25mm
30mm
35mm
40mm
45mm
50mm
55mm
60mm
CTB1202/BK
5mm Pitch 45˚ Rising Clamp Terminal
• 2-12 pole interlocking
• Moulded in black
UL94-V0 Flame retardant PA66
• Professional rising clamp
terminal
• 0.2-3.3mm2 (24-12 AWG)
•
approved
TYPE NO.
CTB3202/2BK
CTB3202/3BK
CTB3202/4BK
CTB3202/5BK
CTB3202/6BK
CTB3202/7BK
CTB3202/8BK
CTB3202/9BK
CTB3202/10BK
CTB3202/11BK
CTB3202/12BK
POLES
2
3
4
5
6
7
8
9
10
11
12
LENGTH
10mm
15mm
20mm
25mm
30mm
35mm
40mm
45mm
50mm
55mm
60mm
CTB3202
SPECIFICATION
Rating
Insulation resistance
Withstand Voltage
Contact Resistance
Working Temperature
Mouldings
Wire Protector
Screw/Torque
Recommended PCB hole size
16A 250V
5000MΩ/1000V
AC1500V/1min
20mΩ
-33°C to +120°C
UL94-V0 flame retardant PA66
Stainless steel
M3 Steel, Nickel Plated 0.4Nm
ø1.2mm-1.4mm
SPECIFICATION
Rating
Insulation resistance
Withstand Voltage
Contact Resistance
Working Temperature
Mouldings
Screw/Torque
Recommended PCB hole size
15A 300V
5000MΩ/1000V
AC2000V/1min
20mΩ
-33°C to +120°C
UL94-V0 flame retardant PA66
M2.5 Steel, Nickel Plated 0.4Nm
ø1.2mm-1.4mm
12.6
0.7
6.5
+44 (0)1638 716101
info@camdenboss.com
www.camdenboss.com
We operate a constant improvement policy,
our products are subject to change without notice.
Ver 1.0


Similar Part No. - CAMBLOCK

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CAM-2MX FOTEK-CAM-2MX Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MX-V FOTEK-CAM-2MX-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB FOTEK-CAM-2MXB Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB-V FOTEK-CAM-2MXB-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
logo
STMicroelectronics
CAM-55G0 STMICROELECTRONICS-CAM-55G0 Datasheet
1Mb / 5P
VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor
17-May-2024
More results

Similar Description - CAMBLOCK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546179 MACOM-C-1546179 Datasheet
49Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ?, OPEN ENDS, STACKING 5mm PITCH
C-282811 MACOM-C-282811 Datasheet
39Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? STACKING W/INTERLOCK 5mm PITCH
C-282821 MACOM-C-282821 Datasheet
38Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? STACKING WITH INTERLOCK 5mm PITCH
C-282822 MACOM-C-282822 Datasheet
44Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS, STACKING 5mm PITCH
C-282805 MACOM-C-282805 Datasheet
42Kb / 1P
TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH
logo
CamdenBoss Ltd.
CTBP0100 CAMDENBOSS-CTBP0100 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP1050 CAMDENBOSS-CTBP1050 Datasheet
415Kb / 1P
5mm pitch standard profile 90˚ screw terminal blocks
CTBP2000 CAMDENBOSS-CTBP2000 Datasheet
500Kb / 1P
10mm pitch standard profile terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com