Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0032B Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK0032B
Description  HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0032B Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK0032B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINKING
Since the case of the MSK 0032 only runs approximately
40°C hotter than the ambient temperature, a heat sink is gen-
erally not necessary. However, in applications where it is criti-
cal to minimize input bias current, a heat sink may be used.The
case of the MSK 0032 is isolated from the internal circuitry so
the heat sink may be attached directly to the case. The heat
sink may however create enough parasitic capacitance at the
pins to necessitate adjusting the amount of compensation used.
COMPENSATION
When replacing an LH0032 or TP0032 with an MSK 0032,
no changes in compensation need be made. The MSK 0032
will demonstrate greater loop stability than the LH0032 and
loop stability very similar to the TP0032. As with any opera-
tional amplifier, a feedback capacitor in the range of 2-10pF is
recommended to compensate for the effect of the R-C time
constant created by the input capacitance of the op-amp and
the feedback and input resistors in an inverting configuration.
See Figure 3 and Figure 4 for recommended compensation
schemes for non-inverting configurations.
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must be
effectively decoupled with a high and low frequency bypass
circuit to avoid power supply induced oscillation. An effective
decoupling scheme consists of a 0.1 microfarad ceramic ca-
pacitor in parallel with a 4.7 microfarad tantalum capacitor from
each power supply pin to ground.
The input offset voltage of the MSK 0032 is typically less
than ±0.5mV. If it is necessary to null the offset to zero or
some value other than zero, the above circuit is recommended.
Typical offset adjust range is 25mV.
INPUT OFFSET VOLTAGE NULL
Figure 1
Figure 4
Figure 2
Output Short Circuit Protection
Rev. C 9/06
3
Figure 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com