Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0032B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK0032B
Description  HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0032B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK0032B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0032B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The MSK 0032 is a high speed, FET input, differential amplifier designed to replace the popular LH0032 and
TP0032. Since the MSK 0032 requires less compensation than the LH0032, it exhibits wider bandwidth and greater
stability. The MSK 0032 can be used as a direct replacement in current designs using the LH0032 or TP0032 with no
changes to compensation schemes.
High frequency signal transfer circuits such as video amplifiers, high speed
integrators and comparators are just a few of the applications that the MSK 0032 is well suited for.
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
0032
FEATURES:
Fast Slew Rate - 650 V/µS Typ.
FET Input
Wide Bandwidth
Electrically Isolated Case
Industry Wide Pin Compatible 0032 Upgrade
DSCC SMD 5962-80013
DESCRIPTION:
EQUIVALENT SCHEMATIC
No Connection
No Connection
No Connection
Negative Power Supply
Output
Positive Power Supply
1
2
3
4
5
6
No Connection
Output Compensation
Compensation/Balance
Compensation/Balance
Inverting Input
Non-Inverting Input
7
8
9
10
11
12
PIN-OUT INFORMATION
Video Amplifiers
Comparator Circuits
High Speed Integrators
TYPICAL APPLICATIONS
MIL-PRF-38534 CERTIFIED
Rev. C 9/06
1
HIGH SPEED, FET INPUT
DIFFERENTIAL OP-AMP


Similar Part No. - MSK0032B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK0032B ETC1-MSK0032B Datasheet
280Kb / 5P
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
logo
Anaren Microwave
MSK0032B ANAREN-MSK0032B Datasheet
412Kb / 5P
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results

Similar Description - MSK0032B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
List of Unclassifed Man...
MSK0032 ETC1-MSK0032 Datasheet
280Kb / 5P
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
logo
M.S. Kennedy Corporatio...
MSK032 MSK-MSK032 Datasheet
181Kb / 5P
FET INPUT DIFFERENTIAL OP-AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
logo
Anaren Microwave
MSK0032 ANAREN-MSK0032 Datasheet
412Kb / 5P
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
MSK032 ANAREN-MSK032 Datasheet
378Kb / 5P
FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com