Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM431GDCS Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM431GDCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431GDCS Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM431GDCS Datasheet HTML 1Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 2Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 3Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 4Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 5Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 6Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 7Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 8Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CM431
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev.1.4
Champion Microelectronic Corporation
Page 3
ABSOLUTE MAXIMUM RATINGS
Cathode to Anode Voltage (V
B
KAB) (Note 2)
-0.3V to 37V
Continuous Cathode Current (I
B
KB)
-100mA to 150mA
Reference Input Current (I
B
REFB)
-50uA to 10mA
Maximum junction temperature range, T
B
JB
150
P
O
P
C
Storage temperature range
-65
P
O
P
C to 150
P
O
P
C
Lead temperature (soldiering, 10 seconds)
260
P
O
P
C
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
Note 2:
Voltage values are with respect to the anode terminal unless otherwise noted.
POWER DISSIPATION TABLE
Package
θ
B
JAB
(
P
O
P
C/W )
Derating factor ( mW/
P
O
P
C )
T
B
AB≧25P
O
P
C
T
B
AB≦25P
O
P
C
Power rating(mW)
T
B
AB=70P
O
P
C
Power rating(mW)
T
B
AB= 85P
O
P
C
Power rating (mW)
SOP-8
165
6.06
757
485
394
TO-92
156
6.41
801
513
417
SOT-89
71(note)
14.1
1763
1128
916
SOT-23
285
3.5
438
280
228
Note :
1.
For SOT-89 package, Thermal Resistance-Junction to Tab (
θ
B
JT B)
=
B
B
35
P
O
P
C/W. T
B
J B= TB
TAB B+ (PBDB x θBJTB)
2.
θ
B
JA
:B Thermal Resistance-Junction to AmbientB B
Junction Temperature Calculation:
T
B
J B= TB
A B+ (PBDB x θBJAB).
The
θ
B
JAB numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS
Min
Max
Units
Operating free air temperature range, T
B
AB
0
105
P
O
P
C
Cathode current, I
B
KB
1
100
mA
Cathode voltage, V
B
KAB
0
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com