Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM431GDCS Datasheet(PDF) 1 Page - Champion Microelectronic Corp.

Part # CM431GDCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431GDCS Datasheet(HTML) 1 Page - Champion Microelectronic Corp.

  CM431GDCS Datasheet HTML 1Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 2Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 3Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 4Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 5Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 6Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 7Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 8Page - Champion Microelectronic Corp. CM431GDCS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CM431
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev.1.4
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
Initial voltage reference accuracy of 1.0%.
Sink current capability from 1mA to 100mA
Typical output dynamic impedance less than 200m
Ω;
Adjustable output voltage from V
B
REFB to 36V
Available in SOT-23, SOT-89, TO-92, & SOP-8
Low output noise
Typical equivalent full range temperature coefficient of
30ppm/
P
O
P
C
APPLICATIONS
The CM431 is a three-terminal adjustable shunt voltage regulator
with specified thermal stability and pin-to-pin compatible with the
earlier 431 series. The output voltage can be adjusted to any
value between V
B
REFB and 36V by using two external resistors. The
CM431 offers low output impedance for improved load regulation
with a typical output impedance of 200m
Ω. Because of the
active output circuitry, the CM431 can replace the zener diodes in
applications such as switching power supplies, OVP crowbar
circuits, references for A/D, D/A converters with improved turn-on
characteristics.
Voltage Reference
Precision shunt regulator
High current shunt regulator
PWM down converter with reference
Voltage monitor
PIN CONFIGURATION
TO-92
Front View
1
23
SOT-23-3
Top View
1
3
2
SOT-23-5
Top View
1
5
3
2
4
SOT-89
Top View
1
23
SOP-8
Top View
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
CM431XCM233
CM431XCM2R3
Pin 1
REF
CATHODE
Pin 2
CATHODE
REF
Pin 3
ANODE
ANODE
Suffix “X”: Grade “A”, “B”, “C”, or “D”


Similar Part No. - CM431GDCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Chicago Miniature Lamp,...
CM431 CML-CM431 Datasheet
227Kb / 1P
G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM431 VCC-CM431 Datasheet
27Kb / 1P
Base
logo
Powerex Power Semicondu...
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM431290 POWEREX-CM431290 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
More results

Similar Description - CM431GDCS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
Adjustable Low Voltage Shunt Regulator
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431A ETC-CM431A Datasheet
416Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431L ETC1-CM431L Datasheet
354Kb / 13P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
432.2005.11.1.3
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com