Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-R Datasheet(PDF) 3 Page - Thurlby Thandar Instruments Ltd.

Part # EX-R
Description  AIM & THURLBY THANDAR INSTRUMENTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

EX-R Datasheet(HTML) 3 Page - Thurlby Thandar Instruments Ltd.

  EX-R Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL-R Series - continued
Single, dual or triple outputs
The EL-R series includes six single output models plus one dual output
and one triple output model.
The EL302RD has two independent and isolated outputs each with a 0
to 30V, 0 to 2A capability and its own on-off switch. The outputs can
be wired in either series or parallel to provide voltages up to 60 volts
or currents up to 4 amps.
All outputs are intrinsically short circuit proof, and are protected
against external voltages and reverse currents.
Variable voltage auxiliary output
The EL302RT incorporates a third output fully variable between 1.5V
and 5.0V with a fixed current limit of 2A.
The set voltage can be measured at the press of a button using the
digital meters.
* Note that this third output uses switch-mode post regulation.
Alternative power supply series
If the EL-R series does not exactly fit your requirements, TTi offers ten
other PSU series totalling around 60 models. The closest models to the
EL-R series are:
New PL & PL-P series
Advanced linear regulated PSUs of ultra-compact size offering up to 90
watts per output. Features include lockable analog controls, variable
voltage span, and 0.1mA current resolution.
The P versions include remote control via analog, RS232, USB and LAN
interfaces with LXI support. GPIB is available as an option.
EX-R series
The EX-R series has similar features to the EL-R series but uses mixed-
mode regulation to offer power from 175 watts up to 420 watts.
Full details of the EX-R series are included within this brochure.
EL302P/EL302P-USB:
operation via RS-232 or USB
The EL302P is a digitally controlled version of the EL302 with an
isolated RS-232 interface. It offers a low-cost solution for a basic
programmable PSU and will be sufficient for many applications
where the sophistication and complexity of GPIB is not needed.
A simple command set allows remote control of voltage, current
and output enable together with read-back of metering values
and operational status. Local control is via three rotary encoders
providing rapid and accurate setting of voltage and current during
bench use.
The EL302P-USB has similar functionality but is controlled via a
USB interface.
EL302P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com