Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-R Datasheet(PDF) 6 Page - Thurlby Thandar Instruments Ltd.

Part # EX-R
Description  AIM & THURLBY THANDAR INSTRUMENTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

EX-R Datasheet(HTML) 6 Page - Thurlby Thandar Instruments Ltd.

  EX-R Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. EX-R Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Specifications - EL-R Series
EL-R MODEL RANGE
Voltage/Current Levels
EL301R
0 to >30V; 0 to >1A
(30W nominal power)
EL183R
0 to >18V; 0 to >3.3A
(60W nominal power)
EL302R
0 to >30V; 0 to >2A
(60W nominal power)
EL561R
0 to >56V; 0 to >1.1A
(60W nominal power)
EL155R
0 to >15V; 0 to >5A
(75W nominal power)
EL303R
0 to >30V; 0 to >3A
(90W nominal power)
EL302RD
2 x (0 to >30V; 0 to >2A)
(120W nominal power)
EL302RT
2 x (0 to >30V; 0 to >2A)
(130W nominal power)
plus 1.5 to 5.0V @ 2A
OUTPUT SPECIFICATIONS
Output Setting & Control
Voltage Setting:
By coarse and fine controls.
Current Setting:
By single logarithmic control.
Output Mode:
Constant voltage or constant current with automatic cross-over.
CC indicator lit in constant current mode.
Output Switch:
Electronic, non isolating. Preset voltage and current limit displayed
when Output is off. On state indicated by LED.
Output Performance
Ripple & Noise:
Typically <1mV rms, (CV mode, 20MHz bandwidth).
Load Regulation:
<0·01% of maximum output for a 90% load change
(using remote sense).
Line Regulation:
<0·01% of maximum output for 10% line change.
Transient Response: <50µs to within 50mV of setting for a 5% to 95% load change.
Temp. Coefficient:
Voltage: typically <100ppm/°C.
Output Protection
Output Protection:
Output will withstand forward voltages of up to 20V above rated
output voltage. Reverse protection by diode clamp for currents to 3A.
Output Connections
Output Terminals:
Universal 4mm safety binding posts on 19mm (0·75”) spacing.
Terminals can accept fixed shroud 4mm plugs, standard 4mm plugs, fork terminals and bare wires.
Remote Sense
Sense Selection:
Voltage sensing is selected as Local or Remote by front panel switch.
Sense Terminals:
Sprung loaded screw-less terminals.
METER SPECIFICATIONS
Display Type:
Dual 4-digit meters, 14mm (0·56”) LED.
Voltage Meter
Resolution:
10mV
Accuracy:
0·3% of reading ± 3 digits
Current Meter
Resolution:
1mA
Accuracy:
0·5% of reading ± 3 digits
AUXILIARY OUTPUT (EL302RT only)
Voltage:
Variable <1.5V to >5V by front panel control.
Meter accuracy:
0.3% ± 4 digits.
Current limit:
2A minimum.
Load regulation:
<3% for 90% load change.
Line regulation:
<0.2% for 10% line voltage change.
Ripple & Noise
Typically <5mVrms, <15mVpk-pk (20MHz bandwidth):
Output Protection:
Output will withstand up to 7V forward voltage.
Diode clamp reverse protection for currents up to 3A.
Output Terminals:
Universal 4mm safety binding posts on 19mm (0·75”) spacing.
Status Indication:
UNREG lamp.
GENERAL SPECIFICATIONS
Input
AC Input:
230V AC or 115V AC ± 10%, 50/60Hz. Installation Category II
VA Ratings:
EL301R - 85 VA; EL302R, EL302P, EL183R, EL561R - 160VA;
EL155R, EL303R - 250VA; EL302RD, EL302RT - 320VA
Temperature & Environmental
Operating Range:
+5ºC to +40ºC, 20% to 80% RH
Storage Range:
-40ºC to + 70ºC
Environmental:
Indoor use at altitudes up to 2000m, Pollution Degree 2.
Cooling:
Silent fan-less convection cooling.
Safety & EMC
Safety:
Complies with EN61010-1
EMC:
Complies with EN61326
Physical
Size:
Single output models - 140x160x295 mm (WxHxD).
Dual and triple output models - 260x160x295 mm (WxHxD).
Weight:
EL301R - 3.4kg; EL302R, EL302P, EL183R, EL561R - 4.4kg:
EL155R, EL303R - 5.0kg; EL302RD, EL302RT - 7.5kg.
Accuracy specifications apply for the temperature range 18°C to 28°C after 1 hour warm-up.
Thurlby Thandar Instruments Ltd. operates a policy of continuous development and reserves the
right to alter specifications without prior notice.
EX752M - higher voltage multi-mode dual
Output voltages up to 150V
The EX752M is a dual output 300 watt PSU with Multi-Mode capability.
This enables it to operate as a dual power supply with two independent
and isolated outputs, or as a single power supply of double the power.
As a dual, each output provides 0 to 75V at 0 to 2A (mode A). As a
single, the output can be selected as either 0 to 75V at 0 to 4A (mode B)
or 0 to 150V at 0 to 2A (mode C). In single modes, the unused half of
the unit becomes completely inoperative and its displays are blanked.
EX355P/EX355P-USB:
operation via RS-232 or USB
The EX355P is a digitally controlled version of the EX355 with an
isolated RS-232 interface.
It offers a low-cost solution for a basic programmable PSU and will be
sufficient for many applications where the sophistication and complexity
of GPIB is not needed.
A simple command set allows remote control of voltage, current
and output enable together with read-back of metering values and
operational status. Local control is via three rotary encoders providing
rapid and accurate setting of voltage and current during bench use.
The EX355P-USB has similar functionality but is controlled via a USB
interface.
EX752M, EX355P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com