Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQT-150-LEAD-F-R-RA Datasheet(PDF) 1 Page - Samtec, Inc

Part # SQT-150-LEAD-F-R-RA
Description  (2.00 mm) .0787" PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SQT-150-LEAD-F-R-RA Datasheet(HTML) 1 Page - Samtec, Inc

  SQT-150-LEAD-F-R-RA Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SQW
- 1 NO.PINS
PER ROW
- 01 - PLATING
OPTION
- ROW
OPTION
-
OPTION
02 thru 50
–F
= Gold flash
on contact,
Matte Tin
on tail
–L
= 10 µ"
(0.25 µm)
Gold on
contact,
Matte Tin
on tail
–D
= Double Row
–D–VS
= Double Row
Surface Mount
–T
= Triple Row
–Q
= Four Row
–5
= Five Row
–6
= Six Row
–“XXX”
= Polarized Position
–D–VS only options:
–A
= Alignment Pin
(5 positions minimum)
Metal or plastic at Samtec discretion.
(Not available with -LC)
–LC
= Locking Clip
(5 positions minimum)
(Not available with -A)
(Manual placement required)
–K
= (4.25 mm) .167” DIA
Polyimide Film Pick & Place Pad
(4 positions minimum)
–P
= Pick & Place Pad
(4 positions minimum)
–TR
= Tape & Reel
(4–28 positions only)
–FR
= Full Reel Tape & Reel
(must order max. quantity per reel;
contact Samtec for quantity breaks)
(4–28 positions only)
SQT
- 1 NO.PINS
PER ROW
- LEAD
STYLE
- PLATING
OPTION
- ROW
OPTION
- OTHER
OPTION
02 thru 50
Specify
LEAD
STYLE
from
chart
–F
= Gold flash
on contact,
Matte Tin on tail
–L
= 10 µ" (0.25 µm)
Gold on contact,
Matte Tin on tail
–S
= Single Row
–D
= Double Row
–T
= Triple Row
–Q
= Four Row
–5
= Five Row
–6
= Six Row
–RA
= Right-angle
(–Q, –5 & –6
Row not
available)
(Lead Style
–01 only)
–“XXX”
= Polarized
Position
(Indicate
position
number)
SPECIFICATIONS
Insulator Material:
Black Liquid Crystal Polymer
Contact Material:
Phosphor Bronze
Plating:
Sn or Au over
50 µ" (1.27 µm) Ni
SQW Current Rating
(SQW/TMMH):
3.8 A per pin (2 pins powered)
SQT Current Rating
(TMMH/SQT):
5.1 A per pin (2 pins powered)
Voltage Rating:
281 VAC mated with TMM;
250 VAC mated with TMMH
Operating Temp Range:
-55 °C to +125 °C
SQW Insertion Depth:
(2.62 mm) .103" to
(5.03 mm) .198" with
(0.38 mm) .015" wipe
SQT Insertion Depth:
(2.62 mm) .103" to
(5.03 mm) .198"
SQT Normal Force:
60 grams (0.59 N) average
Max Cycles:
100 with 10 µ" (0.25 µm) Au
PROCESSING
SQW Lead–Free Solderable:
Yes, for -D & -D-VS
(Wave only for -T, -Q, -5 & -6)
SQT Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
(0.10 mm) .004" max (02-10)
(0.15 mm) .006" max (11-50)*
*(.004" stencil solution
may be available; contact
IPG@samtec.com)
SQW/SQT
Board Mates:
TMMH, TMMS, TMM,
MTMM, MMT, TW, TSH,
LTMM, ZLTMM, PTT
Cable Mates:
TCMD
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
—RA OPTION
(—Q, —5 & —6 not available)
LEAD
STYLE
A
–01
(2.29) .090
–02
(15.24) .600
–03
(5.28) .208
Gbps
4
(2.00 mm) .0787" PITCH • SQW/SQT SERIES
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
COST-EFFECTIVE
RUGGEDSOCKETS
—D—VS
—D, —T, —Q,
—5, —6
A
(2.29)
.090
(6.35)
.250
No. of
rows
x
(2.00)
.0787
No. of positions x (2.00) .0787 + (0.30) .012
(1.27)
.050
(4.74)
.187
(2.29)
.090
(6.35)
.250
No. of
rows
x
(2.00)
.0787
No. of positions x (2.00) .0787 + (0.30) .012
samtec.com?SQW or samtec.com?SQT
F-221 (Rev 17AUG21)


Similar Part No. - SQT-150-LEAD-F-R-RA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SQT-150-01-F-5 SAMTEC-SQT-150-01-F-5 Datasheet
850Kb / 1P
COST-EFFECTIVE RUGGED SOCKETS
SQT-150-01-F-6 SAMTEC-SQT-150-01-F-6 Datasheet
850Kb / 1P
COST-EFFECTIVE RUGGED SOCKETS
SQT-150-01-F-D SAMTEC-SQT-150-01-F-D Datasheet
850Kb / 1P
COST-EFFECTIVE RUGGED SOCKETS
SQT-150-01-F-Q SAMTEC-SQT-150-01-F-Q Datasheet
850Kb / 1P
COST-EFFECTIVE RUGGED SOCKETS
SQT-150-01-F-S SAMTEC-SQT-150-01-F-S Datasheet
850Kb / 1P
COST-EFFECTIVE RUGGED SOCKETS
More results

Similar Description - SQT-150-LEAD-F-R-RA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EBTF-RA SAMTEC-EBTF-RA Datasheet
628Kb / 5P
2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
EBTM SAMTEC-EBTM Datasheet
628Kb / 5P
2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EBCM SAMTEC-EBCM Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 30SEP21
EBTF SAMTEC-EBTF Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 27JAN22
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com