Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # T4
Description  4 A Triacs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button T4_V01 Datasheet HTML 7Page - STMicroelectronics T4_V01 Datasheet HTML 8Page - STMicroelectronics T4_V01 Datasheet HTML 9Page - STMicroelectronics T4_V01 Datasheet HTML 10Page - STMicroelectronics T4_V01 Datasheet HTML 11Page - STMicroelectronics T4_V01 Datasheet HTML 12Page - STMicroelectronics T4_V01 Datasheet HTML 13Page - STMicroelectronics T4_V01 Datasheet HTML 14Page - STMicroelectronics T4_V01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Ordering information
T4 series
12/15
DocID7699 Rev 9
3
Ordering information
Figure 16. Order information scheme
Blank = Unavailable
Table 10. Product selector
Part number
Voltage (xxx)
Sensitivity
Type
Package
600 V
700 V
800 V
T405-xxxB
X
5 mA
Logic level
DPAK
T405-xxxB-TR
X
X
X
5 mA
Logic level
DPAK
T405-xxxH
X
X
5 mA
Logic level
IPAK
T405-xxxT
X
5 mA
Logic level
TO-220AB
T410-xxxB
X
10 mA
Logic level
DPAK
T410-xxxB-TR
X
X
10 mA
Logic level
DPAK
T410-xxxH
X
X
10 mA
Logic level
IPAK
T410-xxxT
X
X
X
10 mA
Logic level
TO-220AB
T435-xxxB
X
35 mA
Snubberless
DPAK
T435-xxxB-TR
X
X
X
35 mA
Snubberless
DPAK
T435-xxxH
X
X
35 mA
Snubberless
IPAK
T435-xxxT
X
X
35 mA
Snubberless
TO-220AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com