Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T4 Datasheet(PDF) 13 Page - STMicroelectronics

Part # T4
Description  4 A Triacs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T4 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button T4_V01 Datasheet HTML 7Page - STMicroelectronics T4_V01 Datasheet HTML 8Page - STMicroelectronics T4_V01 Datasheet HTML 9Page - STMicroelectronics T4_V01 Datasheet HTML 10Page - STMicroelectronics T4_V01 Datasheet HTML 11Page - STMicroelectronics T4_V01 Datasheet HTML 12Page - STMicroelectronics T4_V01 Datasheet HTML 13Page - STMicroelectronics T4_V01 Datasheet HTML 14Page - STMicroelectronics T4_V01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID7699 Rev 9
13/15
T4 series
Ordering information
Table 11. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
T405-600B
T4 0560
DPAK
0.3 g
75
Tube
T410-600B
T4 1060
T435-600B
T4 3560
T405-600B-TR
T4 0560
2500
Tape and reel
T410-600B-TR
T4 1060
T435-600B-TR
T4 3560
T405-700B-TR
T4 0570
T435-700B-TR
T4 3570
T405-800B-TR
T4 0580
T410-800B-TR
T4 1080
T435-800B-TR
T4 3580
T405-600H
T4 0560
IPAK
0.4 g
75
Tube
T410-600H
T4 1060
T435-600H
T4 3560
T405-800H
T4 0580
T410-800H
T4 1080
T435-800H
T4 3580
T405-600T
T405-600T
TO-220AB
2.3 g
50
T410-600T
T410-600T
T435-600T
T435-600T
T410-700T
T410-700T
T410-800T
T410-800T
T435-800T
T435-800T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com