Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211A Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB211A
Description  TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211A Datasheet(HTML) 1 Page - Texas Instruments

  TUSB211A Datasheet HTML 1Page - Texas Instruments TUSB211A Datasheet HTML 2Page - Texas Instruments TUSB211A Datasheet HTML 3Page - Texas Instruments TUSB211A Datasheet HTML 4Page - Texas Instruments TUSB211A Datasheet HTML 5Page - Texas Instruments TUSB211A Datasheet HTML 6Page - Texas Instruments TUSB211A Datasheet HTML 7Page - Texas Instruments TUSB211A Datasheet HTML 8Page - Texas Instruments TUSB211A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
1 Features
• Wide supply voltage range: 2.3 – 6.5 V
• Ultra-low USB disconnect and shutdown power
consumption
• Provides USB 2.0 high-speed signal conditioning
• Compatible with USB 2.0, OTG 2.0, and BC 1.2
• Support for low-speed, full-speed, and high-speed
signaling
• Host or device agnostic
• Supports up to 5-m cable length
– Four selectable signal EQ (edge boost along
with DC boost) settings through the external
pull-down resistor values
• Supports up to 10-m cable length with two
TUSB211A devices
• Scalable solution – devices can be daisy chained
for high loss applications
• Pin compatible with TUSB211, 212, 214, 216, and
217A (3.3 V)
2 Applications
• Laptop, desktop or docking stations
• Portable electronics
• Tablets
• Cell phones
• Televisions
• Active cable, cable extenders, backplane
3 Description
The TUSB211A is a third-generation USB 2.0 high-
speed signal conditioner designed to compensate
both AC loss (due to capacitive load) and DC loss
(due to resistive loss) in the transmission channel.
The TUSB211A leverages a patented design to
speed-up transition edges of USB 2.0 high-speed
signal with an edge booster and increases static
levels with a DC boost function.
In addition, the TUSB211A includes a pre-equalization
function to compensate the inter-symbol interference
(ISI) jitter in application with longer cable length. USB
low-speed and full-speed signal characteristics are
unaffected by the TUSB211A.
The TUSB211A improves signal quality without
altering packet timing or adding propagation delay or
latency.
The TUSB211A helps a system to pass the USB 2.0
high-speed near end eye compliance with a cable as
long as 5 meters.
The TUSB211A is compatible with USB On-The-Go
(OTG) and Battery Charging (BC) protocols.
Device Information
PART
NUMBER
PACKAGE(1)
OP TEMP
(TA) °C
BODY SIZE (NOM)(2)
TUSB211A
RWB
(X2QFN, 12)
0 to 70
1.6 mm × 1.6 mm
TUSB211AI
-40 to 85
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The body size (length × width) is a nominal value and does
not include pins.
D2
D1
Cable
USB
Connector
VCC
2.3 –
V
GND
USB
Host
Simplified Schematic
TUSB211A
SLLSFW2 – SEPTEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB211A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI1-TUSB211A Datasheet
2Mb / 24P
TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
FEBRUARY 2024
TUSB211A-Q1 TI1-TUSB211A-Q1 Datasheet
2Mb / 24P
TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
FEBRUARY 2024
TUSB211AI TI-TUSB211AI Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211AI TI1-TUSB211AI Datasheet
2Mb / 24P
TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
FEBRUARY 2024
More results

Similar Description - TUSB211A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com