Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY2011G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CGY2011G
Description  GSM 4 W power amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2011G Datasheet(HTML) 2 Page - NXP Semiconductors

  CGY2011G Datasheet HTML 1Page - NXP Semiconductors CGY2011G Datasheet HTML 2Page - NXP Semiconductors CGY2011G Datasheet HTML 3Page - NXP Semiconductors CGY2011G Datasheet HTML 4Page - NXP Semiconductors CGY2011G Datasheet HTML 5Page - NXP Semiconductors CGY2011G Datasheet HTML 6Page - NXP Semiconductors CGY2011G Datasheet HTML 7Page - NXP Semiconductors CGY2011G Datasheet HTML 8Page - NXP Semiconductors CGY2011G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Jul 08
2
Philips Semiconductors
Objective specification
GSM 4 W power amplifiers
CGY2010G; CGY2011G
FEATURES
• Power Amplifier (PA) overall efficiency 45%
• 35.5 dB gain
• 0 dBm input power
• Gain control range >55 dB
• Integrated power sensor driver
• Low output noise floor of PA < −129 dBm/Hz in GSM RX
band
• Wide operating temperature range −20 to +85 °C
• LQFP 48 pin package
• Compatible with power ramping controller PCA5075
• Compatible with GSM RF transceiver SA1620.
APPLICATIONS
• 880 to 915 MHz hand-held transceivers for E-GSM
applications
• 900 MHz TDMA systems.
GENERAL DESCRIPTION
The CGY2010G and CGY2011G are GSM class 4 GaAs
Monolithic Microwave Integrated Circuits (MMICs) power
amplifiers specifically designed to operate at 4.8 V battery
supply. These ICs also include a power sensor driver so
that no directional coupler is required in the power control
loop.
Both ICs have the same performance but are issued from
different wafer fabs.
The PAs require only a 30 dB harmonic low-pass filter to
comply with the GSM transmit spurious specification.
They can be switched off and their power controlled by
monitoring the actual drain voltage applied to the amplifier
stages.
QUICK REFERENCE DATA
Note
1. For conditions, see Chapters “AC characteristics” and “DC characteristics”.
ORDERING INFORMATION
SYMBOL
PARAMETER (1)
MIN.
TYP.
MAX.
UNIT
VDD
positive supply voltage
−
4.2
−
V
IDD
positive peak supply current
−
1.8
−
A
Pout(max)
maximum output power
−
35.5
−
dBm
Tamb
operating ambient temperature
−20
−
+85
οC
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
CGY2010G
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
CGY2011G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com