Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY2011G Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CGY2011G
Description  GSM 4 W power amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2011G Datasheet(HTML) 3 Page - NXP Semiconductors

  CGY2011G Datasheet HTML 1Page - NXP Semiconductors CGY2011G Datasheet HTML 2Page - NXP Semiconductors CGY2011G Datasheet HTML 3Page - NXP Semiconductors CGY2011G Datasheet HTML 4Page - NXP Semiconductors CGY2011G Datasheet HTML 5Page - NXP Semiconductors CGY2011G Datasheet HTML 6Page - NXP Semiconductors CGY2011G Datasheet HTML 7Page - NXP Semiconductors CGY2011G Datasheet HTML 8Page - NXP Semiconductors CGY2011G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1996 Jul 08
3
Philips Semiconductors
Objective specification
GSM 4 W power amplifiers
CGY2010G; CGY2011G
BLOCK DIAGRAM
PINNING
SYMBOL
PIN
DESCRIPTION
GND
1 to 5
ground
RFO/VDD4
6 to 8
power amplifier output and fourth stage supply voltage
GND
9 to 17
ground
DETO/VDD5
18
power sensor output and supply voltage
VGG2
19
fourth stage negative gate supply voltage
GND
20 to 26
ground
RFI
27
power amplifier input
GND
28
ground
VDD1
29
first stage supply voltage
GND
30
ground
VGG1
31
first three stages negative gate supply voltage
GND
32
ground
VDD2
33
second stage supply voltage
GND
34 to 41
ground
VDD3
42
third stage supply voltage
GND
43 to 48
ground
Fig.1 Block diagram.
(1) Ground pins 1 to 5, 9 to 17, 20 to 26, 28, 30, 32, 34 to 41 and 43 to 48.
handbook, full pagewidth
CGY2010G
CGY2011G
MGB761
(1)
31
19
18
6,7.8
29
33
42
27
GND
SENSOR
DRIVER
VGG1
VGG2
RFO/VDD4
VDD1
VDD2
VDD3
RFI
DETO/VDD5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com