Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88933ALKI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88933ALKI
Description  3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88933ALKI Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88933ALKI Datasheet HTML 1Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 2Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 3Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 4Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 5Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 6Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 7Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 8Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SY88933AL
3.3V, 1.25Gbps PECL High-Sensitivity
Limiting Post Amplifier w/TTL Signal Detect
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2007
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88933AL high-sensitivity limiting post amplifier
is designed for use in fiber-optic receivers. The device
connects to typical transimpedance amplifiers (TIAs).
The linear signal output from TIAs can contain
significant amounts of noise and may vary in amplitude
over time. The SY88933AL quantizes these signals
and outputs PECL level waveforms.
The SY88933AL operates from a single +3.3V power
supply, over temperatures ranging from –40
oC to
+85
oC. With its wide bandwidth and high gain, signal
with data rates up to 1.25Gbps and as small as 5mVPP
can be amplified to drive devices with PECL inputs.
The SY88933AL generates a high gain signal-detect
(SD) open-collector TTL output. The SD function has a
high gain input stage for increased sensitivity. A
programmable signal-detect level set pin (SDLVL) sets
the sensitivity of the input amplitude detection. SD
asserts high if the input amplitude rises above the
threshold set by SDLVL and de-asserts low otherwise.
The enable input (EN) de-asserts the true output signal
without removing the input signal. The SD output can
be fed back to the EN input to maintain output stability
under a loss-of-signal condition. Typically, 3.4dB SD
hysteresis is provided to prevent chattering.
All support documentation can be found on Micrel’s
web site at: www.micrel.com.
Features
• Single 3.3V power supply
• DC-to-1.25Gbps operation
• Low-noise PECL data outputs
• High gain SD
• Chatter-free open-collector TTL signal detect (SD)
output with internal 4.75k
Ω pull-up resistor
• TTL EN input
• Programmable SD level set (SDLVL)
• Available in a tiny 10-pin MSOP package
• Pin-compatible with SY88933V
Applications
• GPON/BPON/EPON/GEPON
• Gigabit Ethernet
• 531Mbps and 1062Mbps Fibre Channel
• OC-3 and OC-12 SONET/SDH
• High-gain line driver and line receiver
• Low-gain TIA interface
Markets
• FTTX
• Optical transceiver
• Datacom/telecom


Similar Part No. - SY88933ALKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933ALKI MICREL-SY88933ALKI Datasheet
336Kb / 9P
3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKITR MICREL-SY88933ALKITR Datasheet
336Kb / 9P
3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
More results

Similar Description - SY88933ALKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com