Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY2105ATS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CGY2105ATS
Description  High dynamic range dual LNA MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2105ATS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CGY2105ATS Datasheet HTML 5Page - NXP Semiconductors CGY2105ATS Datasheet HTML 6Page - NXP Semiconductors CGY2105ATS Datasheet HTML 7Page - NXP Semiconductors CGY2105ATS Datasheet HTML 8Page - NXP Semiconductors CGY2105ATS Datasheet HTML 9Page - NXP Semiconductors CGY2105ATS Datasheet HTML 10Page - NXP Semiconductors CGY2105ATS Datasheet HTML 11Page - NXP Semiconductors CGY2105ATS Datasheet HTML 12Page - NXP Semiconductors CGY2105ATS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Dec 23
9
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
CGY2105ATS
handbook, halfpage
FCA104
0.0
−10.0
−5.0
−15.0
−20.0
−25.0
1.00
1.50
f (GHz)
s12
(dB)
2.00
2.50
Fig.9
Reverse transmission coefficient
s12 as a
function of the frequency.
Vsupply = 5 V; Vneg = −5V.
handbook, halfpage
FCA105
0.0
−10.0
−5.0
−15.0
−20.0
−25.0
1.00
1.50
f (GHz)
s22
(dB)
2.00
2.50
Fig.10 Output reflection coefficient
s22 as a
function of the frequency.
Vsupply = 5 V; Vneg = −5V.
handbook, halfpage
FCA106
0.0
−10.0
−20.0
−30.0
1.00
1.50
f (GHz)
ISOi
(dB)
2.00
2.50
Fig.11 Isolation between RF inputs as a function of
the frequency.
Vsupply = 5 V; Vneg = −5V.
handbook, halfpage
FCA107
20.0
10.0
0.0
−10.0
−20.0
−10.0
Pi (dBm)
Po
(dBm)
10.0
0.0
Fig.12 RF output power as a function of the
RF input power.
Vsupply = 5 V; Vneg = −5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com