Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY2105ATS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CGY2105ATS
Description  High dynamic range dual LNA MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2105ATS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CGY2105ATS Datasheet HTML 6Page - NXP Semiconductors CGY2105ATS Datasheet HTML 7Page - NXP Semiconductors CGY2105ATS Datasheet HTML 8Page - NXP Semiconductors CGY2105ATS Datasheet HTML 9Page - NXP Semiconductors CGY2105ATS Datasheet HTML 10Page - NXP Semiconductors CGY2105ATS Datasheet HTML 11Page - NXP Semiconductors CGY2105ATS Datasheet HTML 12Page - NXP Semiconductors CGY2105ATS Datasheet HTML 13Page - NXP Semiconductors CGY2105ATS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Dec 23
10
Philips Semiconductors
Preliminary specification
High dynamic range dual LNA MMIC
CGY2105ATS
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.00
1.4
1.2
0.32
0.20
0.25
0.13
5.30
5.10
4.5
4.3
0.65
6.6
6.2
0.65
0.45
0.48
0.18
10
0
o
o
0.13
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.20 mm maximum per side are not included.
0.75
0.45
1.0
SOT369-1
94-04-20
95-02-04
w M
θ
A
A1
A2
b p
D
y
HE
L p
Q
detail X
E
Z
e
c
L
v M A
X
(A )
3
A
0.25
18
16
9
pin 1 index
0
2.5
5 mm
scale
SSOP16: plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1
A
max.
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com