Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4302AP Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP4302AP
Description  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4302AP Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP4302AP Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302
4
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Package
Voltage Tol-
erance
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
DIP-16
0.5%
-40 to 85oC
AP4302AP
AP4302AP-E1
AP4302AP
AP4302AP-E1
Tube
1%
AP4302BP
AP4302BP-E1
AP4302BP
AP4302BP-E1
SOIC-16
0.5%
-40 to 85
oC
AP4302AM
AP4302AM-E1
AP4302AM
AP4302AM-E1
Tube
AP4302AMTR
AP4302AMTR-E1
AP4302AM
AP4302AM-E1
Tape & Reel
1%
AP4302BM
AP4302BM-E1
AP4302BM
AP4302BM-E1
Tube
AP4302BMTR
AP4302BMTR-E1
AP4302BM
AP4302BM-E1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Voltage Tolerance
A: 0.5%
B: 1%
Package
P: DIP-16
M: SOIC-16
AP4302
-
E1: Lead Free
Blank: Tin Lead
TR: Tape and Reel
Blank: Tube
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com