Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4302AP Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP4302AP
Description  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4302AP Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4302AP Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302
8
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics
Figure 6. Cathode Current vs. Cathode Voltage
Figure 8. Pulse Response of Input and Output Voltage
Figure 9. Op Amp Voltage Gain
Figure 7. Voltage Reference Small Signal
vs. Frequency
-2
-1
01
23
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
0C
1K
10K
100K
1000K
0
10
20
30
40
50
60
0
10
20
30
40
50
60
T
A
= 25
oC
I
KA
= 10mA
Small Signal Frequency
02
4
6
0
1
2
3
4
5
Input
Time (µS)
Output
0
2
4
6
8
101214
161820
60
70
80
90
100
110
Supply Voltage (V)
R
L
=2KΩ
R
L
=20KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com