Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J9727A Datasheet(PDF) 1 Page - Router-switch Ltd.

Part # J9727A
Description  Aruba 10G SFP LC LR 10km SMF XCVR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

J9727A Datasheet(HTML) 1 Page - Router-switch Ltd.

  J9727A Datasheet HTML 1Page - Router-switch Ltd. J9727A Datasheet HTML 2Page - Router-switch Ltd. J9727A Datasheet HTML 3Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
J9151D Datasheet
Get a Quote
Overview
J9151D is the Aruba 10G SFP+ LC LR 10km SMF XCVR.
Quick Spec
Table 1 shows the quick spec.
Model
J9151D
Description
Aruba 10G SFP+ LC LR 10km SMF XCVR
DOM - Digital Optical Monitoring (4x4 part #)
Yes (1990-4657, 1990-4694)
Central we (nm)
1310
Fiber mode
SMF
Fiber diameter (µm)
9/125
Bandwidth (MHz*km)
N/A
Transmission distance
10 km (6.21 miles)
Supported Platforms
Table 2 shows the recommended switches.
Model
Description
J9772A
Aruba 2530 48G PoE+ Switch
J9773A
Aruba 2530 24G PoE+ Switch
J9775A
Aruba 2530 48G Switch
J9776A
Aruba 2530 24G Switch
J9726A
Aruba 2920-24G Switch
J9727A
Aruba 2920 24G POE+ Switch
J9728A
Aruba 2920 48G Switch
J9729A
Aruba 2920 48G POE+ Switch
J9836A
Aruba 2920-48G-POE+ 740W Switch
J9731A
HPE 2920 2-Port 10GbE SFP+ Module
J9732A
HPE 2920 2-port 10GBASE-T Module
J9733A
HPE 2920 2-Port Stacking Module
JL071A
Aruba 3810M 24G 1-slot Switch
JL075A
Aruba 3810M 16SFP+ 2-slot Switch
Compare to Similar Items
Table 3 shows the comparison.


Similar Part No. - J9727A

ManufacturerPart #DatasheetDescription
logo
Router-switch Ltd.
J9731A ROUTER-SWITCH-J9731A Datasheet
103Kb / 3P
The HPE 12-port Gig-T PoE / 12-port SFP v2 zl module J9637A is used with HP E5400/E8200 series zl switches
J9772A ROUTER-SWITCH-J9772A Datasheet
155Kb / 4P
Aruba 2530 Series Fast Ethernet devices are fully managed Layer 2 edge switches delivering cost effective
J9773A ROUTER-SWITCH-J9773A Datasheet
155Kb / 4P
Aruba 2530 Series Fast Ethernet devices are fully managed Layer 2 edge switches delivering cost effective
J9775A ROUTER-SWITCH-J9775A Datasheet
155Kb / 4P
Aruba 2530 Series Fast Ethernet devices are fully managed Layer 2 edge switches delivering cost effective
J9776A ROUTER-SWITCH-J9776A Datasheet
155Kb / 4P
Aruba 2530 Series Fast Ethernet devices are fully managed Layer 2 edge switches delivering cost effective
More results

Similar Description - J9727A

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFPP-LR-C ATGBICS-10G-SFPP-LR-C Datasheet
569Kb / 10P
10G-SFPP-LR Brocade Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AHCC-SFP-10G-LR-C ATGBICS-AHCC-SFP-10G-LR-C Datasheet
570Kb / 10P
AHCC-SFP-10G-LR Aerohive Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AL-SFP-10G-LR-C ATGBICS-AL-SFP-10G-LR-C Datasheet
570Kb / 10P
AL-SFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AR-SFP-10G-LR-C ATGBICS-AR-SFP-10G-LR-C Datasheet
570Kb / 10P
AR-SFP-10G-LR Arista Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
ISFP-10G-LR-C ATGBICS-ISFP-10G-LR-C Datasheet
569Kb / 10P
iSFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-10G-LR-C ATGBICS-SFPP-10G-LR-C Datasheet
366Kb / 10P
SFPP-10G-LR Napatech Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
XCVR-S10V31-C ATGBICS-XCVR-S10V31-C Datasheet
366Kb / 10P
XCVR-S10V31 Ciena Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com