Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J9727A Datasheet(PDF) 2 Page - Router-switch Ltd.

Part # J9727A
Description  Aruba 10G SFP LC LR 10km SMF XCVR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

J9727A Datasheet(HTML) 2 Page - Router-switch Ltd.

  J9727A Datasheet HTML 1Page - Router-switch Ltd. J9727A Datasheet HTML 2Page - Router-switch Ltd. J9727A Datasheet HTML 3Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
200+
Countries we Sold
18,000+
Customers Trusted
$
20,000,000
Inventory Available
50%-98%
Off Global List Price
100%
Safe Online Shopping
Model
J9151D
J9150A
J9152A
Description
Aruba 10G SFP+ LC LR 10km SMF XCVR
HPE X132 10G SFP+ LC SR
Transceiver
HPE X132 10G SFP+ LC LRM
Transceiver
DOM - Digital Optical
Monitoring (4x4 part #)
Yes (1990-4657, 1990-4694)
Yes (1990-4391, 1990-4175)
Yes (1990-4485)
Central we (nm)
1310
850
1310
Fiber mode
SMF
MMF
SMF / MMF
Get More Information
Do you have any question about the J9151D?
Contact us now via Live Chat or sales@router-switch.com.
Specification
J9151D Specification
Description
Aruba 10G SFP+ LC LR 10km SMF XCVR
DOM - Digital Optical Monitoring (4x4 part #)
Yes (1990-4657, 1990-4694)
Central we (nm)
1310
Fiber mode
SMF
Fiber diameter (µm)
9/125
Bandwidth (MHz*km)
N/A
Transmission distance
10 km (6.21 miles)
Transmit power
–8.2 to +0.5
Receive power
–14.4 to +0.5
Want to Buy
Order Now
Get a Quote
Why Router-switch.com
As a leading network hardware supplier, Router-switch.com focuses on original new ICT equipment of Cisco, Huawei, HPE,
Dell, Hikvision, Juniper, Fortinet, etc.
Contact Us



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com