Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
13
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 8. Enable Current vs. Junction Temperature
Figure 9. Enable Voltage vs. Junction Temperature
Figure 10. Noise vs. Bypass Capacitor
Figure 11. Output Noise vs. Frequency
-60
-40
-20
0
20
40
60
80
100
120
140
2
3
4
5
6
7
8
9
10
11
12
13
V
EN=1.8V
V
EN=2V
V
EN=3V
V
EN=3.7V
Junction Temperature (
oC)
AP2213-2.5, V
IN
=3.5V
C
IN=1
µF, C
OUT=2.2
µF, I
OUT=100
µA
-60
-40
-20
0
20
40
60
80
100
120
140
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V
EN
=logic high
V
EN
=logic low
Junction Temperature (
oC)
AP2213-2.5
C
IN
=1µF, C
OUT
=2.2µF
I
OUT=100µA, VIN=3.5V
10
100
1k
10k
100k
1M
10M
100
10
1
0.1
0.01
0.001
Frequency (Hz)
AP2213-2.5
I
OUT=10mA, CIN=1
µF, C
OUT=2.2
µF
V
IN
=3.5V, C
BYP
=100pF
0.0001
10
100
1000
10000
0
50
100
150
200
Bypass Capacitor (pF)
I
OUT
=10mA
C
IN
=1µF, C
OUT
=2.2µF
Noise Measurement Filter: DIN Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com