Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # DAC08CF
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08CF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button DAC08CF Datasheet HTML 4Page - NXP Semiconductors DAC08CF Datasheet HTML 5Page - NXP Semiconductors DAC08CF Datasheet HTML 6Page - NXP Semiconductors DAC08CF Datasheet HTML 7Page - NXP Semiconductors DAC08CF Datasheet HTML 8Page - NXP Semiconductors DAC08CF Datasheet HTML 9Page - NXP Semiconductors DAC08CF Datasheet HTML 10Page - NXP Semiconductors DAC08CF Datasheet HTML 11Page - NXP Semiconductors DAC08CF Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
725
SETTLING TIME AND PROPAGATION DELAY
NOTES:
D1, D2 = IN6263 or equivalent
D3 = IN914 or equivalent
C1 = 0.01µF
C2, C3 = 0.1µF
Q1 = 2N3904
C4, C5 = 15pF and includes all probe and fixturing capacitance.
VIN
VS + = +15V
VADJ
VOUT
VS – = –15V
R15 = 5kΩ
IREF = 2mA
VREF = 10V
R14 = 5kΩ
VOUT
R1 = 1000Ω
R2 = 1000Ω
R3 = 500Ω
50
Ω
C1
C2
C5
C3
D3
D1
D2
C4
DUT
14
15
16
3
1
2
4
12
11
10
9
8
7
6
5
Q1
BASIC DAC08 CONFIGURATION
NOTES:
I
FS [
) V
REF
R
REF
x
255
256
; I
O )
I
O +
I
FS
for all logic states
MSB 2
3 4 5 6 7
LSB
5
6 7 8 9 10 11 12
14
15
3
16
13
1
2
4
DAC-08
(LOW T.C.)
V+
V–
IO
IO
+VREF
IREF
RREF
CCOMP
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com